Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSC0402180YZF-11 Datasheet(PDF) 2 Page - Superworld Electronics

No. de pieza SSC0402180YZF-11
Descripción Electrónicos  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUPERWORLD [Superworld Electronics]
Página de inicio  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0402180YZF-11 Datasheet(HTML) 2 Page - Superworld Electronics

  SSC0402180YZF-11 Datasheet HTML 1Page - Superworld Electronics SSC0402180YZF-11 Datasheet HTML 2Page - Superworld Electronics SSC0402180YZF-11 Datasheet HTML 3Page - Superworld Electronics SSC0402180YZF-11 Datasheet HTML 4Page - Superworld Electronics SSC0402180YZF-11 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
5. GENERAL SPECIFICATION :
e) Resistance to solder heat : 260°C.10 secs
d) Operating temp. : -40°C to +85°C
c) Storage temp. : -40°C to +125°C
b) Rated current : Base on temp. rise & L/L0A = 35% Max.
a) Temp. rise : 40°C Max. at rated current
SMD POWER INDUCTORS
SSC0402 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
01.10.2010
SSC0402270YZF-
SSC0402390YZF-
SSC0402330YZF-
SSC0402120YZF-
SSC0402220YZF-
SSC0402180YZF-
SSC0402150YZF-
SSC0402100YZF-
SSC04028R2YZF-
SSC04026R8YZF-
SSC04023R3YZF-
SSC04025R6YZF-
SSC04023R9YZF-
SSC04024R7YZF-
SSC04022R7YZF-
SSC04022R2YZF-
SSC04021R0YZF-
Part No.
0.35
441
27.0 ±30%
0.5V / 100 K
39.0 ±30%
33.0 ±30%
0.5V / 100 K
0.5V / 100 K
709
694
0.30
0.32
±30%
0.5V / 100 K
12.0
±30%
18.0
22.0 ±30%
15.0 ±30%
0.5V / 100 K
0.5V / 100 K
0.5V / 100 K
8.2 ±30%
10.0 ±30%
6.8 ±30%
0.5V / 7.96 M
0.5V / 100 K
0.5V / 7.96 M
210
0.56
338
397
240
0.48
0.41
0.50
190
200
180
0.68
0.61
0.76
3.3 ±30%
0.5V / 7.96 M
5.6
4.7
±30%
±30%
3.9 ±30%
0.5V / 7.96 M
0.5V / 7.96 M
0.5V / 7.96 M
2.2 ±30%
2.7 ±30%
1.0 ±30%
0.5V / 7.96 M
0.5V / 7.96 M
0.5V / 7.96 M
110
1.04
170
162
155
0.80
0.84
0.88
75
105
45
1.32
1.28
1.72
( µH )
Inductance
Test
( Hz )
Frequency
RDC
Max.
( m )
IDC
( A )
Max.


Número de pieza similar - SSC0402180YZF-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Superworld Electronics
SSC0402180YZF SUPERWORLD-SSC0402180YZF Datasheet
401Kb / 5P
   SMD POWER INDUCTORS
More results

Descripción similar - SSC0402180YZF-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com