Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPM0S471P105R Datasheet(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

No. de pieza TPM0S471P105R
Descripción Electrónicos  SMD PTC Thermistor for Temperature Sensing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  THINKING [Thinking Electronic Industrial Co.,Ltd]
Página de inicio  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TPM0S471P105R Datasheet(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  TPM0S471P105R Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TPM0S471P105R Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TPM0S471P105R Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TPM0S471P105R Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TPM0S471P105R Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TPM0S471P105R Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TPM0S471P105R Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TPM0S471P105R Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd TPM0S471P105R Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PTC Thermistor:
:TPM-S Series
SMD PTC Thermistor for Temperature Sensing
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
5
www.thinking.com.tw
2011.05
All specifications are subject to change without notice
0603 Series
10
100
1000
10000
100000
1000000
-25
-15
-5
5
15
25
35
45
55
65
75
85
95
105
115 125 135
145
Temperature(
℃ )
SMD 0603
TPM1S221N105R
TPM1S101N130R
100
1000
10000
100000
1000000
10000000
-25
-15
-5
5
15
25
35
45
55
65
75
85
95
105
115
125
135
145
Temperature(
℃ )
65 75 85 95
135
125
115
105
SMD 0603
R25=470
TPM1S471PXXXR
1
10
100
1000
10000
100000
1000000
-25
-15
-5
5
15
25
35
45
55
65
75
85
95
105 115 125 135 145
Temperature(
℃ )
SMD 0603
R25=10K
TPM1S103PXXXR
110 120 130
1
10
100
1000
10000
100000
1000000
-25
-15
-5
5
15
25
35
45
55
65
75
85
95
105
115
125
135
145
Temperature(
℃ )
SMD 0603
R25=4.7K
TPM1S472P105R


Número de pieza similar - TPM0S471P105R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Christian Bürkert GmbH ...
TPM001 BURKERT-TPM001 Datasheet
1Mb / 13P
   Air preparation units
18.03.2020
More results

Descripción similar - TPM0S471P105R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinking Electronic Ind...
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
Texas Instruments
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
logo
Texas Instruments
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1_19 Datasheet
890Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
logo
Murata Manufacturing Co...
PTH451 MURATA-PTH451 Datasheet
45Kb / 1P
   PTC THERMISTOR FOR DEGAUSSING
logo
Tyco Electronics
LT7330001K0JTG MACOM-LT7330001K0JTG Datasheet
69Kb / 1P
   Temperature Sensing Chip Resistor (P.T.C. Thermistor)
logo
Microchip Technology
AN897 MICROCHIP-AN897 Datasheet
429Kb / 16P
   Thermistor Temperature Sensing with MCP6SX2 PGAs
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com