Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPM1S471P085RA Datasheet(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

No. de pieza TPM1S471P085RA
Descripción Electrónicos  SMD CPTC Thermistor for Automotive Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  THINKING [Thinking Electronic Industrial Co.,Ltd]
Página de inicio  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TPM1S471P085RA Datasheet(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

  TPM1S471P085RA Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P085RA Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P085RA Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P085RA Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P085RA Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P085RA Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P085RA Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P085RA Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P085RA Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CPTC Thermistor:
:TPM Type
SMD CPTC Thermistor for Automotive Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
6
www.thinking.com.tw
2011.06
All specifications are subject to change without notice.
Recommended Pad Dimensions
Size
Z (mm)
G (mm)
X (mm)
Y (mm)
0603
2.7~2.8
0.6~0.7
0.9~1.0
1.0~1.1
0805
3.1~3.2
0.6~0.7
1.4~1.5
1.2~1.3
Followed Standard:IPC-SM-782A
Reliability
Item
Standard
Test Conditions / Methods
Specifications
Bending Strength
IEC-60068-2-21
Warp 3mm for 0603&0805 Size;
Speed < 0.5mm/sec.
Duration: 10 sec on PCB.
No visible damage
∣△R25/R25∣≦ 10 %
Damp Heat,
Steady State
IEC 60068-2-3
85 ± 3 ℃ , 80 ~ 85% RH , 1000± 24 HRS
No visible damage
∣△R25/R25∣≦ 20 %
High Temp.
Storage
IEC 60738-1
IEC 60068-2-2
150 ± 5 ℃ , 1000 ± 24 HRS
No visible damage
∣△R25/R25∣≦ 20 %
Rapid Change of
Temperature
IEC 60068-2-14
The conditions shown below shall be repeated
1000 cycles.
Step
Temperature (
)
Period
(minutes)
1
-55 ± 5
30 ± 3
2
Room temperature
5 ± 3
3
125 ± 5
30 ± 3
4
Room temperature
5 ± 3
No visible damage
∣△R25/R25∣≦ 20 %
High Temp. Load
IEC 60738-1
85 ± 5 ℃
Vmax. , 1000 ± 24HRS
No visible damage
∣△R25/R25∣≦ 20 %
Y
G
Z


Número de pieza similar - TPM1S471P085RA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinking Electronic Ind...
TPM1S471P085R THINKING-TPM1S471P085R Datasheet
268Kb / 11P
   SMD PTC Thermistor for Temperature Sensing
More results

Descripción similar - TPM1S471P085RA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinking Electronic Ind...
PHC08102P3B7 THINKING-PHC08102P3B7 Datasheet
46Kb / 2P
   CPTC Thermistor
TPM1P330M100R THINKING-TPM1P330M100R Datasheet
173Kb / 7P
   SMD CPTC Thermistor for Over-Current Protection
PHRA1301P7A4 THINKING-PHRA1301P7A4 Datasheet
69Kb / 2P
   CPTC Thermistor
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
   SMD PTC Thermistor for Temperature Sensing
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
NC1206KR151KB ETC2-NC1206KR151KB Datasheet
161Kb / 1P
   SMD CHIP THERMISTOR
LNSZ10 ETC-LNSZ10 Datasheet
228Kb / 10P
   NTC Thermistor SMD
logo
Crystek Corporation
E35A27VBCS CRYSTEKCRYSTAL-E35A27VBCS Datasheet
348Kb / 1P
   ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION.
logo
KEC(Korea Electronics)
E25A2CS KEC-E25A2CS Datasheet
446Kb / 2P
   ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com