Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSP040605C Datasheet(PDF) 7 Page - Protek Devices

No. de pieza CSP040605C
Descripción Electrónicos  200w chip scale tvs array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CSP040605C Datasheet(HTML) 7 Page - Protek Devices

  CSP040605C Datasheet HTML 1Page - Protek Devices CSP040605C Datasheet HTML 2Page - Protek Devices CSP040605C Datasheet HTML 3Page - Protek Devices CSP040605C Datasheet HTML 4Page - Protek Devices CSP040605C Datasheet HTML 5Page - Protek Devices CSP040605C Datasheet HTML 6Page - Protek Devices CSP040605C Datasheet HTML 7Page - Protek Devices CSP040605C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05323.R1 4/11
Page 7
CSP040605C
taPe anD Reel inFoRMation
oRDeRinG inFoRMation
BaSe PaRt nuMBeR
leaDFRee SuFFiX
taPe SuFFiX
qty/Reel
Reel SiZe
tuBe qty
CSP040605C
n/a
-T75
5,000
7”
n/a
This device is only available in a Lead-Free configuration.
SPeCiFiCationS
Reel Dia.
taPe
wiDth
a0
B0
K0
D
e
F
w
P0
P2
P
tmax
178(7”)
8mm
1.40 ± 0.10 1.80 ± 0.10 0.32 ± 0.05 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.20 4.00 ± 0.12 2.00 ± 0.05 2.00 ± 0.10
0.25
noteS
1. Dimensions in millimeters.
2. Top view of tape. Solder bumps are face down in tape package.
3. Orientation: preferred stencil - 0.1mm (0.004”).
4. Surface mount product is taped and reeled in accordance with EIA 481.
5. 8mm plastic tape: 7” Reels - 5,000.
6. Marking on reel: part number, date code, quanity and lot number.
taPe & Reel oRientation
Package outline, pad layout and tape specifications per document number 06097.R0 3/11.
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
t
User Direction of Feed
Top Cover
Tape
Triple Die - 0406


Número de pieza similar - CSP040605C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
CSP040605C PROTEC-CSP040605C Datasheet
114Kb / 5P
   CHIP SCALE LOW CAPACITANCE FLIP CHIP TVSARRAY
CSP040605C PROTEC-CSP040605C Datasheet
543Kb / 8P
   200W CHIP SCALE
CSP040605C PROTEC-CSP040605C_12 Datasheet
543Kb / 8P
   200W CHIP SCALE
More results

Descripción similar - CSP040605C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_12 Datasheet
543Kb / 8P
   200W CHIP SCALE
logo
Littelfuse
SM24CANA LITTELFUSE-SM24CANA Datasheet
937Kb / 5P
   200W TVS Diode Array
logo
Protek Devices
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_12 Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULC0402FC36C PROTEC-ULC0402FC36C_12 Datasheet
530Kb / 8P
   200W LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com