Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD4-LFC Datasheet(PDF) 5 Page - Protek Devices

No. de pieza ESD4-LFC
Descripción Electrónicos  LOW CAPACITANCE flip chip tvs array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESD4-LFC Datasheet(HTML) 5 Page - Protek Devices

  ESD4-LFC_11 Datasheet HTML 1Page - Protek Devices ESD4-LFC_11 Datasheet HTML 2Page - Protek Devices ESD4-LFC_11 Datasheet HTML 3Page - Protek Devices ESD4-LFC_11 Datasheet HTML 4Page - Protek Devices ESD4-LFC_11 Datasheet HTML 5Page - Protek Devices ESD4-LFC_11 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05210.R4 1/11
Page 5
ESD4-LFC
TAPE AND REEL INFORMATION
ORDERINg INFORMATION
BASE PART NuMBER
LEADFREE SuFFIX
TAPE SuFFIX
qTy/REEL
REEL SIZE
TuBE qTy
ESD4-LFC
-LF
-T73
3,000
7”
n/a
SPECIFICATIONS
REEL DIA.
TAPE
WIDTh
A0
B0
k0
D
E
F
W
P0
P2
P
Tmax
178(7”)
8
1.08±0.05 1.60±0.05 0.72 ± 0.05 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10 0.20±0.025
NOTES
1. Dimensions in millimeters.
2. Top view of tape. Solder bumps are face down in tape package.
3. Surface mount product is taped and reeled in accordance with EIA 481.
4. 8mm plastic tape: 7” Reels - 3,000 pieces per reel.
Package outline, pad layout and tape specifications per document number 06055.R2 9/09.
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
t
User Direction of Feed
Top Cover
Tape
Orientation Dot


Número de pieza similar - ESD4-LFC_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
ESD4-LFC PROTEC-ESD4-LFC_12 Datasheet
466Kb / 6P
   LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results

Descripción similar - ESD4-LFC_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
ESD4-LFC PROTEC-ESD4-LFC_12 Datasheet
466Kb / 6P
   LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
ULL0402FC05C PROTEC-ULL0402FC05C Datasheet
443Kb / 7P
   LOW CAPACITANCE unbumped flip chip tvs array
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_11 Datasheet
504Kb / 8P
   UNBUMPED LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
ULL0402FC05C PROTEC-ULL0402FC05C_12 Datasheet
446Kb / 7P
   LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_12 Datasheet
505Kb / 8P
   UNBUMPED LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com