Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCA05C Datasheet(PDF) 5 Page - Protek Devices

No. de pieza LCA05C
Descripción Electrónicos  High powered multi-line tvs array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LCA05C Datasheet(HTML) 5 Page - Protek Devices

  LCA05C Datasheet HTML 1Page - Protek Devices LCA05C Datasheet HTML 2Page - Protek Devices LCA05C Datasheet HTML 3Page - Protek Devices LCA05C Datasheet HTML 4Page - Protek Devices LCA05C Datasheet HTML 5Page - Protek Devices LCA05C Datasheet HTML 6Page - Protek Devices LCA05C Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05003.R8 11/10
Page 5
LCA05C - LCA24C
sPiCe modeL
FiguRe 1
sPiCe modeL
tABLe 1 - sPiCe PARAmeteRs
PARAmeteR
unit
ABd(tvs)
LCRd
BV
V
See Table 2
200
IBV
µA
1
0.01
C
jo
pF
See Table 2
5
I
S
A
See Table 2
1E-13
Vj
V
0.6
0.6
M
-
0.33
0.33
N
-
1
1
R
S
Ohms
See Table 2
0.31
TT
s
1E-8
1E-9
EG
eV
1.11
1.11
tABLe 2 - ABd sPeCiFiC sPiCe PARAmeteRs
PARt numBeR
B
v(voLts)
C
jo(pF)
i
s (AmPs)
R
s(oHms)
LCA05C
6.0
893
1E-11
0.09
LCA08C
8.5
481
1E-13
0.18
LCA12C
13.3
319
1E-13
0.22
LCA15C
16.7
238
1E-13
0.31
LCA24C
26.7
210
1E-13
0.93
ABD - Avalanche Breakdown Diode (TVS)
LCRD: Low Capacitance Rectifier Diode
Lg - Lead Inductance
ABD
Lg
0.8nH
LCRD
LCRD
I/O
ABD


Número de pieza similar - LCA05C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
LCA05C PROTEC-LCA05C Datasheet
196Kb / 5P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C Datasheet
697Kb / 7P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_12 Datasheet
697Kb / 7P
   HIGH POWERED MULTI-LINE TVS ARRAY
More results

Descripción similar - LCA05C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
   High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
DLZ-5-DLZ-30CA PROTEC-DLZ-5-DLZ-30CA Datasheet
451Kb / 5P
   High powered multi-line tvs array
DA05L PROTEC-DA05L_12 Datasheet
471Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_12 Datasheet
697Kb / 7P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCD05C PROTEC-LCD05C_12 Datasheet
788Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
VSIP PROTEC-VSIP Datasheet
750Kb / 7P
   High powered multi-line VSIP짰 tvs array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com