Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC0406FC24C Datasheet(PDF) 7 Page - Protek Devices

No. de pieza LC0406FC24C
Descripción Electrónicos  200w low capacitance flip chip tvs array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0406FC24C Datasheet(HTML) 7 Page - Protek Devices

  LC0406FC24C Datasheet HTML 1Page - Protek Devices LC0406FC24C Datasheet HTML 2Page - Protek Devices LC0406FC24C Datasheet HTML 3Page - Protek Devices LC0406FC24C Datasheet HTML 4Page - Protek Devices LC0406FC24C Datasheet HTML 5Page - Protek Devices LC0406FC24C Datasheet HTML 6Page - Protek Devices LC0406FC24C Datasheet HTML 7Page - Protek Devices LC0406FC24C Datasheet HTML 8Page - Protek Devices LC0406FC24C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05158.R7 2/11
Page 7
LC0406FC3.3C - LC0406FC36C
0406 PaCKaGe inFoRMation
C
G
H
I
F
E
D
A
DIE
SOLDER
BUMPS
SOLDER PRINT
0.010” - 0.012” DIA.
SOLDER PADS
SOLDER MASK
COPPER CONTACTS
0.009”[0.23] DIA.
G
H
I
A
DIE
SOLDER
BUMP
F
SOLDER MASK
SOLDER PRINT
0.014”[0.36] DIA.
oPtion 1 - Layout DiMensions
DiM
MiLLiMeteRs
inChes
noMinaL
noMinaL
A
0.51
0.020
C
0.30
0.012
D
0.46
0.018
E
0.20
0.008
F
0.15 SQ
0.006 SQ
G
0.71
0.028
H
0.99
0.039
I
0.51
0.020
notes
1. Controlling dimensions in inches.
2. Decimal tolerance: .xxx ± 0.05mm (0.002”).
3. Preferred: Usign 0.1mm (0.004”) stencil.
oPtion 2 - Layout DiMensions
DiM
MiLLiMeteRs
inChes
noMinaL
noMinaL
A
0.51
0.020
F
0.15 SQ
0.006 SQ
G
0.71
0.028
H
0.99
0.039
I
0.51
0.020
notes
1. Controlling dimensions in inches.
2. Decimal tolerance: .xxx ± 0.05mm (0.002”).
3. Preferred: Usign 0.1mm (0.004”) stencil.


Número de pieza similar - LC0406FC24C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
LC0406FC24C PROTEC-LC0406FC24C Datasheet
120Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0406FC24C PROTEC-LC0406FC24C Datasheet
81Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0406FC24C PROTEC-LC0406FC24C Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results

Descripción similar - LC0406FC24C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0404FC3.3C PROTEC-LC0404FC3.3C_12 Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULC0402FC36C PROTEC-ULC0402FC36C_12 Datasheet
530Kb / 8P
   200W LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
ULC0402FC3.3C PROTEC-ULC0402FC3.3C_11 Datasheet
528Kb / 8P
   200W LOW CAPACITANCE unbumpe d flip chip tvs array
ESD4-LFC PROTEC-ESD4-LFC_12 Datasheet
466Kb / 6P
   LOW CAPACITANCE FLIP CHIP TVS ARRAY
ESD4-LFC PROTEC-ESD4-LFC_11 Datasheet
464Kb / 6P
   LOW CAPACITANCE flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com