Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LCA15C Datasheet(PDF) 2 Page - Protek Devices |
|
LCA15C Datasheet(HTML) 2 Page - Protek Devices |
2 / 7 page Only One Name Means ProTek’Tion™ www.protekdevices.com 05003.R8 11/10 Page 2 LCA05C - LCA24C tyPiCAL deviCe CHARACteRistiCs mAXimum RAtings @ 25°C unless otherwise specified PARAmeteR symBoL vALue units Peak Pulse Power (tp = 8/20µs) - See Figure 1 P PP 800 Watts Operating Temperature T L -55 to 150 °C Storage Temperature T STG -55 to 150 °C eLeCtRiCAL CHARACteRistiCs PeR Line @ 25°C unless otherwise specified PARt numBeR (note 1) RAted stAnd-oFF voLtAge v wm voLts minimum BReAkdown voLtAge @1mA v (BR) voLts mAXimum CLAmPing voLtAge (Fig. 2) @ iP = 1A v C voLts mAXimum CLAmPing voLtAge (Fig. 2) @ 8/20µs v C @ iPP mAXimum LeAkAge CuRRent @v wm i d µA mAXimum CAPACitAnCe @0v, 1mHz C pF temPeRAtuRe CoeFFiCient oF v (BR) q v (BR) mv/°C LCA05C 5.0 6.0 9.8 24.0V @ 45.0A 100 15 3 LCA08C 8.0 8.5 12.3 25.5V @ 40.0A 10 15 9 LCA12C 12.0 13.3 19.0 32.0V @ 34.0A 4 15 16 LCA15C 15.0 16.7 25.5 38.0V @ 27.0A 4 15 17 LCA24C 24.0 26.7 40.0 48.0V @ 22.0A 4 15 26 notes 1. Tested on pin pairs 1 and 16, 2 and 15, 3 and 14, 4 and 13, 5 and 12, 6 and 11, 7 and 10, 8 and 9. |
Número de pieza similar - LCA15C |
|
Descripción similar - LCA15C |