Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KDR531T Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KDR531T
Descripción Electrónicos  TSM PACKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR531T Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR531T Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
KDR531T
2008. 5. 14
1/1
MARKING SPECIFICATION
TSM PACKAGE
Revision No : 0
1. Marking method
Laser Marking
2. Marking
T3
2
1
No.
Item
Marking
Description
Device Mark
T3
KDR531T
* Lot No.
0A
2007. 1st Week
[0:1st Character, 1:2nd Character]
Note) * Lot No. marking method
Note) * Lot No. marking method
Year
Periode (Year)
Remark
01, 02 ....51, 52
01 : 2006. 1st Week,
02 : 2006. 2nd Week
51 : 2006. 51th Week,
52 : 2006. 52th Week.
Rotation for 4 years :
01...52 : ...2006, 2010, 2014...
0A...5B : ...2007, 2011, 2015...
J1...E2 : ...2008, 2012, 2016...
JA...EB : ...2009, 2013, 2017...
0A, 0B ....5A, 5B**
0A : 2007. 1st Week,
0B : 2007. 2nd Week
5A : 2007. 51th Week,
5B : 2007. 52th Week.
J1, J2 ....E1, E2**
J1 : 2008. 1st Week,
J2 : 2008. 2nd Week
E1 : 2008. 51th Week,
E2 : 2008. 52th Week.
JA, JB ....EA, EB**
JA : 2009. 1st Week,
JB : 2009. 2nd Week
EA : 2009. 51th Week,
EB : 2009. 52th Week.


Número de pieza similar - KDR531T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KDR531T KEC-KDR531T Datasheet
72Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
KDR531T KEC-KDR531T_15 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

Descripción similar - KDR531T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KTC3207T KEC-KTC3207T Datasheet
341Kb / 1P
   TSM PACKAGE
KTC3535T KEC-KTC3535T_05 Datasheet
349Kb / 1P
   TSM PACKAGE
KTA1551T KEC-KTA1551T_07 Datasheet
425Kb / 1P
   TSM PACKAGE
KTC3551T KEC-KTC3551T_07 Datasheet
425Kb / 1P
   TSM PACKAGE
KTA1544T KEC-KTA1544T_05 Datasheet
21Kb / 1P
   TSM PACKAGE
KTA1552T KEC-KTA1552T_04 Datasheet
63Kb / 1P
   TSM PACKAGE
KTA1542T KEC-KTA1542T_07 Datasheet
425Kb / 1P
   TSM PACKAGE
KTC3544T KEC-KTC3544T_04 Datasheet
17Kb / 1P
   TSM PACKAGE
KTC3770T KEC-KTC3770T Datasheet
21Kb / 1P
   TSM PACKAGE
KTA1532T KEC-KTA1532T_05 Datasheet
21Kb / 1P
   TSM PACKAGE
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com