Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK14C88-3NF45TR Datasheet(PDF) 9 Page - Cypress Semiconductor

No. de pieza STK14C88-3NF45TR
Descripción Electrónicos  256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-3NF45TR Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button STK14C88-3NF45TR Datasheet HTML 5Page - Cypress Semiconductor STK14C88-3NF45TR Datasheet HTML 6Page - Cypress Semiconductor STK14C88-3NF45TR Datasheet HTML 7Page - Cypress Semiconductor STK14C88-3NF45TR Datasheet HTML 8Page - Cypress Semiconductor STK14C88-3NF45TR Datasheet HTML 9Page - Cypress Semiconductor STK14C88-3NF45TR Datasheet HTML 10Page - Cypress Semiconductor STK14C88-3NF45TR Datasheet HTML 11Page - Cypress Semiconductor STK14C88-3NF45TR Datasheet HTML 12Page - Cypress Semiconductor STK14C88-3NF45TR Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
STK14C88-3
Document Number: 001-50592 Rev. *D
Page 9 of 18
Data Retention and Endurance
Parameter
Description
Min
Unit
DATAR
Data Retention
100
Years
NVC
Nonvolatile STORE Operations
1,000
K
Capacitance
In the following table, the capacitance parameters are listed.[8]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 0 to 3.0 V
5
pF
COUT
Output Capacitance
7
pF
Thermal Resistance
In the following table, the thermal resistance parameters are listed.[8]
Parameter
Description
Test Conditions
32-SOIC
32-PDIP
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods and
procedures for measuring thermal impedance, per
EIA / JESD51.
TBD
TBD
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
TBD
TBD
°C/W
Figure 6. AC Test Loads
AC Test Conditions
3.3V
Output
30 pF
R1 317
Ω
R2
351
Ω
Input Pulse Levels ..................................................0 V to 3 V
Input Rise and Fall Times (10% - 90%)........................ <5 ns
Input and Output Timing Reference Levels ................... 1.5 V
Note
8. These parameters are guaranteed by design and are not tested.
[+] Feedback
[+] Feedback


Número de pieza similar - STK14C88-3NF45TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK14C88-3NF45TR SIMTEK-STK14C88-3NF45TR Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3NF45TR SIMTEK-STK14C88-3NF45TR Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3NF45TR CYPRESS-STK14C88-3NF45TR Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results

Descripción similar - STK14C88-3NF45TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com