Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK14C88-3NF45 Datasheet(PDF) 3 Page - Cypress Semiconductor

No. de pieza STK14C88-3NF45
Descripción Electrónicos  256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-3NF45 Datasheet(HTML) 3 Page - Cypress Semiconductor

  STK14C88-3NF45 Datasheet HTML 1Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 2Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 3Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 4Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 5Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 6Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 7Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 8Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STK14C88-3
Document Number: 001-50592 Rev. *D
Page 3 of 18
Pin Configurations
Figure 1. Pin Diagram - 32-Pin SOIC/32-Pin PDIP
Table 1. Pin Definitions - 32-Pin SOIC/32-Pin PDIP
Pin Name
Alt
I/O Type
Description
A0–A14
Input
Address Inputs. Used to select one of the 32,768 bytes of the nvSRAM.
DQ0-DQ7
Input or
Output
Bidirectional Data I/O lines. Used as input or output lines depending on operation.
WE
W
Input
Write Enable Input, Active LOW. When the chip is enabled and WE is LOW, data on the
I/O pins is written to the specific address location.
CE
E
Input
Chip Enable Input, Active LOW. When LOW, selects the chip. When HIGH, deselects the
chip.
OE
G
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers
during read cycles. Deasserting OE HIGH causes the I/O pins to tristate.
VSS
Ground
Ground for the Device. The device is connected to ground of the system.
VCC
Power Supply Power Supply Inputs to the Device.
HSB
Input or
Output
Hardware Store Busy (HSB). When LOW, this output indicates a Hardware Store is in
progress. When pulled low external to the chip, it initiates a nonvolatile STORE operation. A
weak internal pull up resistor keeps this pin high if not connected (connection optional).
VCAP
Power Supply AutoStore Capacitor. Supplies power to nvSRAM during power loss to store data from
SRAM to nonvolatile elements.
[+] Feedback
[+] Feedback


Número de pieza similar - STK14C88-3NF45

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK14C88-3NF45 ETC-STK14C88-3NF45 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3NF45 SIMTEK-STK14C88-3NF45 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3NF45 SIMTEK-STK14C88-3NF45 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3NF45 CYPRESS-STK14C88-3NF45 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK14C88-3NF45I ETC-STK14C88-3NF45I Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
More results

Descripción similar - STK14C88-3NF45

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com