Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK15C88-NF45TR Datasheet(PDF) 6 Page - Cypress Semiconductor

No. de pieza STK15C88-NF45TR
Descripción Electrónicos  256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK15C88-NF45TR Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button STK15C88-NF45TR Datasheet HTML 2Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 3Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 4Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 5Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 6Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 7Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 8Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 9Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
STK15C88
Document Number: 001-50593 Rev. *C
Page 6 of 17
Table 2. Software STORE/RECALL Mode Selection
CE
WE
A13 – A0
Mode
I/O
Notes
L
H
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
[1, 2]
L
H
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
[1, 2]
Notes
1. The six consecutive addresses must be in the order listed. WE must be high during all six consecutive CE controlled cycles to enable a nonvolatile cycle.
2. While there are 15 addresses on the STK15C88, only the lower 14 are used to control software modes.
[+] Feedback


Número de pieza similar - STK15C88-NF45TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK15C88-NF45TR SIMTEK-STK15C88-NF45TR Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF45TR CYPRESS-STK15C88-NF45TR Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results

Descripción similar - STK15C88-NF45TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com