Nombre de pieza
         Descripción
2N2222A

 Chip Type 2C2222A Geometry 0400 Polarity NPN ( 1 Page)


SEMICOA
100% 
Zoom Out Zoom In
   
 1 page
background image
Chip Type 2C2222A
Geometry 0400
Polarity NPN
Data Sheet No. 2C2222A
Generic Packaged Parts:
2N2219, 2N2219A, 2N2222,
2N2222A
Chip type 2C2222A by Semicoa
Semiconductors
provides
perfor-
mance similar to these devices.
Product Summary:
Part Numbers:
2N2222A, 2N2222, 2N2219, 2N2219A, 2N2219AL,
2N2222AUB, SD2222A, SD2222AF, SQ2222A,
SQ2222AF, 2N5582, 2N6989, 2N6990
APPLICATIONS: Designed for general
purpose switching and amplifier applica-
tions.
Features: Medium power ratings
Top
Al - 24 kÅ min.
Backside
Au - 6.5 kÅ nom.
Emitter
4.0 mils x 4.0 mils
Base
4.0 mils x 4.0 mils
Die Thickness
Chip Area
Top Surface
20 mils x 20 mils
Silox Passivated
Mechanical Specifications
Metallization
Bonding Pad Size
8 mils nominal
Parameter
Test conditions
Min
Max
Unit
BVCEO
IC = 10 mA, IB = 0
40
---
V dc
BVCBO
IC = 10 µA, IE = 0
75
---
V dc
BVEBO
IE = 10 µA, IC = 0
6.0
---
V dc
ICBO
VCB = 50 V, IE = 0
---
10
nA dc
hFE
IC = 150 mA dc, VCE = 10 V
100
300
---
Electrical Characteristics
TA = 25
oC
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less
than 300 µs, duty cycle less than 2%.
1 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2N2219AType 2N2219A Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N2219ALType 2N2219AL Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2C5004Chip Type 2C5004 Geometry 9202 Polarity NPN 1 Semicoa Semiconductor
2N2222AType 2N2222A Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2C5109Chip Type 2C5109 Geometry 1007 Polarity NPN 1 Semicoa Semiconductor
2N2222AUBType 2N2222AUB Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2C1893Chip Type 2C1893 Geometry 4500 Polarity NPN 1 Semicoa Semiconductor
2C5153Chip Type 2C5153 Geometry 9221 Polarity NPN 1 Semicoa Semiconductor
2N6989Type 2N6989 Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2C2369AChip Type 2C2369A Geometry 0005 Polarity NPN 1 Semicoa Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl