Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2895-01 Datasheet(PDF) 1 Page - Fuji Electric

No. de pieza 2SK2895-01
Descripción Electrónicos  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2895-01 Datasheet(HTML) 1 Page - Fuji Electric

  2SK2895-01_05 Datasheet HTML 1Page - Fuji Electric 2SK2895-01_05 Datasheet HTML 2Page - Fuji Electric 2SK2895-01_05 Datasheet HTML 3Page - Fuji Electric 2SK2895-01_05 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Item
Symbol
Ratings
Unit
Drain-source voltage
VDS
60
Continuous drain current
ID
±45
Pulsed drain current
ID p
±180
Gate-source voltage
VGS
±20
Maximum avalanche energy
EAV
*1
461.9
Maximum power dissipation
PD
60
Operating and storage
Tch
+150
Temperature range
Tstg
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermalcharacteristics
2SK2895-01 FUJIPOWERMOSFET
N-CHANNEL SILICON POWER MOSFET
Features
High speed switching
Low on-resistance
No secondary breadown
Low driving power
Applications
Switching regulators
UPS (Uninterruptible Power Supply)
DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25°C unless otherwise specified)
Item
Symbol
Test Conditions
Zero gate voltage drain current
VDS=60V VGS=0V
VGS=±20V
ID=22.5A
ID=22.5A
VDS=25V
VCC=30V ID=45A
VGS=10V
RGS=10
Ω
V
V
μA
mA
nA
m
Ω
S
pF
A
V
ns
μC
ns
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
channel to case
Rth(ch-a)
channel to ambient
2.08
75.0
°C/W
°C/W
Symbol
BVDSS
VGS(th)
IDSS
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
IAV
VSD
trr
Qrr
Item
Drain-source breakdown voltage
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transcondutance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time ton
Turn-off time toff
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
Test Conditions
ID= 1mA
VGS=0V
ID= 1mA
VDS=VGS
Tch=25°C
Tch=125°C
VDS=0V
VGS=4V
VGS=10V
VDS=25V
VGS=0V
f=1MHz
L=100μH Tch=25°C
IF=45A VGS=0V Tch=25°C
IF=45A VGS=0V
-di/dt=100A/μs Tch=25°C
V
A
A
V
mJ
W
°C
°C
60
1.0
1.5
2.0
10
500
0.2
1.0
10
100
15
20
10
12
15.0
35.0
2900
4350
930
1400
260
390
13
30
35
50
190
290
75
140
45
0.95
1.43
55
0.10
-55 to +150
Outline Drawings [mm]
TO-220AB
Equivalent circuit schematic
Gate(G)
Source(S)
Drain(D)
FAP-IIIB Series
200511
*1 L=0.304mH, Vcc=24V
http://www.fujielectric.co.jp/fdt/scd/
Min.
Typ.
Max.
Units


Número de pieza similar - 2SK2895-01_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
2SK2895-01 FUJI-2SK2895-01 Datasheet
240Kb / 3P
   N-channel MOS-FET
logo
Inchange Semiconductor ...
2SK2895-01 ISC-2SK2895-01 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK2895-01_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com