Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3227 Datasheet(PDF) 1 Page - Semicoa Semiconductor

No. de pieza 2N3227
Descripción Electrónicos  Chip Type 2C2369A Geometry 0005 Polarity NPN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMICOA [Semicoa Semiconductor]
Página de inicio  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3227 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N3227 Datasheet HTML 1Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Type 2C2369A
Geometry 0005
Polarity NPN
Data Sheet No. 2C2369A
Generic Packaged Parts:
2N2368, 2N2369, 2N3227,
2N4449
Chip type 2C2369A by Semicoa
Semiconductors
provides
perfor-
mance similar to these devices.
Product Summary:
Part Numbers:
2N2368, 2N2369A, 2N3227, 2N4449
APPLICATIONS: Designed for high
speed switching applications.
Features:
• High speed switching capabilities
Top
Al - 17.5 kÅ min.
Backside
Au - 6.5 kÅ nom.
Emitter
3.6 mils x 2.8 mils
Base
3.6 mils x 2.8 mils
Die Thickness
Chip Area
Top Surface
16 mils x 16 mils
Silox Passivated
Mechanical Specifications
Metallization
Bonding Pad Size
8 mils nominal
Parameter
Test conditions
Min
Max
Unit
BVCEO
IC = 10.0 mA, IB = 0
15
---
V dc
BVCBO
IC = 10 µA, IE = 0
40
---
V dc
BVEBO
IE = 10 µA, IC = 0
4.5
10
V dc
hFE
IC = 10 mA dc, VCE = 0.35 V
40
---
---
Electrical Characteristics
TA = 25
oC
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less
than 300 µs, duty cycle less than 2%.


Número de pieza similar - 2N3227

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semicoa Semiconductor
2N3227 SEMICOA-2N3227 Datasheet
212Kb / 2P
   Silicon NPN Transistor
logo
Comset Semiconductor
2N3227 COMSET-2N3227 Datasheet
116Kb / 2P
   SILICON ANNULAR TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3227 NJSEMI-2N3227 Datasheet
88Kb / 1P
   SI NPN LP HF BJT MANUFACTURER
logo
Comset Semiconductor
2N3227 COMSET-2N3227 Datasheet
68Kb / 3P
   SILICON ANNULAR TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3227 NJSEMI-2N3227 Datasheet
93Kb / 2P
   20 STERN AVE
More results

Descripción similar - 2N3227

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semicoa Semiconductor
2C918 SEMICOA-2C918 Datasheet
30Kb / 1P
   Chip Type 2C918 Geometry 0013 Polarity NPN
2C2222A SEMICOA-2C2222A Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
2C2857 SEMICOA-2C2857 Datasheet
30Kb / 1P
   Chip Type 2C2857 Geometry 0011 Polarity NPN
2C3506 SEMICOA-2C3506 Datasheet
31Kb / 1P
   Chip Type 2C3506 Geometry 1506 Polarity NPN
2C3866A SEMICOA-2C3866A Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
2C3960 SEMICOA-2C3960 Datasheet
29Kb / 1P
   Chip Type 2C3960 Geometry 0003 Polarity NPN
2C5109 SEMICOA-2C5109 Datasheet
31Kb / 1P
   Chip Type 2C5109 Geometry 1007 Polarity NPN
2C5664 SEMICOA-2C5664 Datasheet
31Kb / 1P
   Chip Type 2C5664 Geometry 9221 Polarity NPN
2C1893 SEMICOA-2C1893 Datasheet
42Kb / 1P
   Chip Type 2C1893 Geometry 4500 Polarity NPN
2C2484 SEMICOA-2C2484 Datasheet
31Kb / 1P
   Chip Type 2C2484 Geometry 0307 Polarity NPN
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com