Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3591-01MR Datasheet(PDF) 1 Page - Fuji Electric

No. de pieza 2SK3591-01MR
Descripción Electrónicos  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3591-01MR Datasheet(HTML) 1 Page - Fuji Electric

  2SK3591-01MR_03 Datasheet HTML 1Page - Fuji Electric 2SK3591-01MR_03 Datasheet HTML 2Page - Fuji Electric 2SK3591-01MR_03 Datasheet HTML 3Page - Fuji Electric 2SK3591-01MR_03 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TO-220F
Item
Symbol
Ratings
Unit
Drain-source voltage
VDS
150
VDSX *5
120
Continuous drain current
ID
±57
Pulsed drain current
ID(puls]
±228
Gate-source voltage
VGS
±30
Non-repetitive Avalanche current
IAS *2
57
Maximum Avalanche Energy
EAS *1
272.5
Maximum Drain-Source dV/dt
dVDS/dt *4
20
Peak Diode Recovery dV/dt
dV/dt *3
5
Max. power dissipation
PD
Ta=25°C
2.16
Tc=25°C
95
Operating and storage
Tch
+150
temperature range
Tstg
Isolation voltage
VISO *6
2
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermalcharacteristics
2SK3591-01MR
FUJI POWER MOSFET
N-CHANNEL SILICON POWER MOSFET
Features
High speed switching
Low on-resistance
No secondary breadown
Low driving power
Avalanche-proof
Applications
Switching regulators
UPS (Uninterruptible Power Supply)
DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25°C unless otherwise specified)
Item
Symbol
Test Conditions
Zero gate voltage drain current
IDSS
VDS=150V VGS=0V
VDS=120V VGS=0V
VGS=±30V
ID=20A
VGS=10V
ID=20A
VDS=25V
VCC=48V ID=20A
VGS=10V
RGS=10
Min.
Typ.
Max.
Units
V
V
µA
nA
m
S
pF
nC
A
V
µs
µC
ns
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
channel to case
Rth(ch-a)
channel to ambient
1.316
58.0
°C/W
°C/W
Symbol
V(BR)DSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
QG
QGS
QGD
IAV
VSD
trr
Qrr
Item
Drain-source breakdown voltaget
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transcondutance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time ton
Turn-off time toff
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
Test Conditions
ID= 250µA
VGS=0V
ID= 250µA
VDS=VGS
Tch=25°C
Tch=125°C
VDS=0V
VDS=75V
VGS=0V
f=1MHz
VCC=75V
ID=40A
VGS=10V
L=123µH Tch=25°C
IF=40A VGS=0V Tch=25°C
IF=40A VGS=0V
-di/dt=100A/µs
Tch=25°C
V
V
A
A
V
A
mJ
kV/µs
kV/µs
W
°C
°C
kVrms
150
3.0
5.0
25
250
10
100
31
41
13
26
1940
2910
310
465
24
36
20
30
26
39
50
75
20
30
52
78
15
22.5
18
27
57
1.10
1.65
0.14
0.77
-55 to +150
Outline Drawings (mm)
Equivalent circuit schematic
Gate(G)
Source(S)
Drain(D)
Super FAP-G Series
*3 IF -ID, -di/dt=50A/µs, Vcc BVDSS, Tch 150°C
=
<
=
<
=
<
*4 VDS
150V
<
=
www.fujielectric.co.jp/denshi/scd
*5 VGS=-30V *6 t=60sec f=60Hz
*1 L=123µH, Vcc=48V, See to Avalanche Energy Graph
*2 Tch 150°C
=
<
200304


Número de pieza similar - 2SK3591-01MR_03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
2SK3591-01MR FUJI-2SK3591-01MR Datasheet
99Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results

Descripción similar - 2SK3591-01MR_03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com