Nombre de pieza
         Descripción
2N2222A

 Type 2N2222A Geometry 0400 Polarity NPN ( 2 Page)


SEMICOA
100% 
Zoom Out Zoom In
   
 2 page
background image
Data Sheet No. 2N2222A
OFF Characteristics
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA
Collector-Emitter Breakdown Voltage
IC = 10 mA
Emitter-Base Breakdown Voltage
IE = 10 µA
Collector-Emitter Cutoff Current
VCE = 50 V
Collector-Base Cutoff Current
VCB = 60 V
Emitter-Base Cutoff Current
VEB = 4 V
nA
nA
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V
nA
V(BR)CBO
75
---
120
V(BR)CEO
50
---
65
V(BR)EBO
6.0
---
7.0
ICES
---
50
3.0
IEBO
---
10
0.5
ICBO1
---
10
2.0
ON Characteristics
Symbol
Min
Typ
Max
Unit
DC Current Gain
IC = 100 µA, VCE = 10 V
hFE1
50
180
---
---
IC = 1.0 mA, VCE = 10 V
hFE2
75
200
325
---
IC= 10 mA, VCE = 10 V
hFE3
100
200
---
---
IC= 150 mA, VCE = 10 V (pulse test)
hFE4
100
200
300
---
IC= 500 mA, VCE = 10 V (pulse test)
hFE5
30
75
---
---
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulse test)
VCE(sat)1
---
0.1
0.3
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VCE(sat)2
---
0.3
1.0
V dc
Base-Emitter Saturation Voltage
IC= 150 mA, IB = 15 mA (pulse test)
VBE(sat)1
0.6
0.85
1.2
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VBE(sat)2
---
1.0
2.0
V dc
Small Signal Characteristics
Symbol
Min
Typ
Max
Unit
Short Circuit Forward Current Transfer Ratio
IC = 1 mA, VCE = 10 V, f = 1kHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0 V, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
pF
COBO
---
4.5
8
pF
AC hFE
50
240
---
CIBO
---
17.5
25
---
Switching Characteristics
Symbol
Min
Typ
Max
Unit
Saturated Turn On Switching Time to 90%
16V, 50 ohm input pulse
Saturated Turn Off Switching Time to 10%
16V, 50 ohm input pulse
ns
tOFF
---
175
300
ns
tON
---
14
35
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2C2222AChip Type 2C2222A Geometry 0400 Polarity NPN 1 Semicoa Semiconductor
2N2219AType 2N2219A Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N2219ALType 2N2219AL Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N2222AUBType 2N2222AUB Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N6989Type 2N6989 Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2C3501Chip Type 2C3501 Geometry 5620 Polarity NPN 1 Semicoa Semiconductor
2N2857Type 2N2857 Geometry 0011 Polarity NPN 1 2 Semicoa Semiconductor
2N3499Type 2N3499 Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N5004Type 2N5004 Geometry 9202 Polarity NPN 1 2 Semicoa Semiconductor
2N918Type 2N918 Geometry 0013 Polarity NPN 1 2 Semicoa Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl