Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC-146 Datasheet(PDF) 1 Page - Epson ToYoCom

No. de pieza MC-146
Descripción Electrónicos  LOW PROFILE SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPSONTOYOCOM [Epson ToYoCom]
Página de inicio  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

MC-146 Datasheet(HTML) 1 Page - Epson ToYoCom

  MC-146 Datasheet HTML 1Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Epson Toyocom
Product Number (please contact us)
MC-146
: Q14MC146xxxxx00
MC-156
: Q14MC156xxxxx00
kHz RANGE CRYSTAL UNIT
LOW PROFILE SMD
MC - 146 / MC - 156
•Frequency range
:
32.768 kHz (32 kHz to 100 kHz)
•External dimension : 7.0 × 1.5 × 1.4 t (mm) ···MC-146
:
7.1 × 3.3 × 1.5 t (mm) ···MC-156
•Overtone order
:
Fundamental
A
• pplications
:
Small communications devices
MC-146
MC-156
Specifications (characteristics)
Item
Symbol
Specifications
Remarks
Nominal frequency range
f_nom
32.768 kHz
32 kHz to 100 kHz
Please contact us for inquiries regarding available
frequencies
Temperature
range
Storage temperature
T_stg
-55
°C to +125 °C
Store as bare product after unpacking
Operating temperature
T_use
-40
°C to +85 °C
Level of drive
DL
1.0
μW Max.
Operating Drive level
0.5
μW Max.
Frequency tolerance (standard)
f_tol
± 20 × 10-6, ± 50 × 10-6
± 50 × 10-6, ± 100 × 10-6
+25
°C, DL=0.1 μW
Turnover temperature
Ti
+25
°C ± 5 °C
Parabolic coefficient
B
-0.04
× 10-6 / °C2 Max.
Load capacitance
CL
7 pF, 9 pF, 12.5 pF
Please specify
Motional resistance (ESR)
R1
65 k
Ω Max.
65 k
Ω to 25 kΩ
Motional capacitance
C1
1.9 fF Typ.
2.5 fF to 0.6 fF
Shunt capacitance
C0
0.8 pF Typ.
1.2 pF to 0.5 pF
Frequency aging
f_age
±3 × 10-6 / year Max.
±5 × 10-6 / year Max.
+25
°C, First year
External dimensions
(Unit:mm)
.
#1
#2
#3
#4
(0.75)
1.6
5.08
7.1 Max.
0.4
(0.75)
MC-156
#1
#2
#4
#3
Internal connection
(TOP VIEW)
6.7
#1
#2
#3
#4
#1
0.4
0.1
0.1
7.0 Max.
#4
#3
#2
0.4
0.2
0.2
0.2
#1
#2
#4
#3
Internal connection
(TOP VIEW)
MC-146
Metal may be exposed on the top or bottom of this product. This will not affect any quality, reliability or electrical spec.
Do not connect #2 and #3 to external device.
E A 9 9
E A 9 6
Footprint (Recommended)
(Unit:mm)
MC-146
MC-156
1.2
5.1
1.2
1.2
3.88
1.2


Número de pieza similar - MC-146

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Epson ToYoCom
MC-146 EPSONTOYOCOM-MC-146 Datasheet
320Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson Company
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
More results

Descripción similar - MC-146

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Crystal Techno...
ACT9200WC ACT-ACT9200WC Datasheet
126Kb / 3P
   low profile SMD
15/02/05
logo
Epson ToYoCom
MA-306 EPSONTOYOCOM-MA-306_10 Datasheet
237Kb / 1P
   LOW PROFILE SMD
logo
ECS, Inc.
CSM-7SSX ECS-CSM-7SSX Datasheet
144Kb / 1P
   Low Profile SMD Crystal
logo
Advanced Crystal Techno...
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
   miniature, low profile SMD
26/10/05
logo
MMD Components
MXH1 MMD-MXH1 Datasheet
131Kb / 2P
   Low Profile SMD Package
MTSS3 MMD-MTSS3 Datasheet
134Kb / 2P
   Low Profile SMD Device
MTTAS5 MMD-MTTAS5 Datasheet
209Kb / 2P
   Low Profile SMD Device
logo
ECS, Inc.
CSM-7SS ECS-CSM-7SS Datasheet
610Kb / 1P
   Low Profile SMD Crystal
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
   miniature, low profile SMD
2/11/05
logo
Abracon Corporation
ABLS ABRACON-ABLS_15 Datasheet
1Mb / 2P
   SMD LOW PROFILE CRYSTAL
04.07.11
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com