Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KIC3211TSN13A Datasheet(PDF) 3 Page - KEC(Korea Electronics)

No. de pieza KIC3211TSN13A
Descripción Electrónicos  Analog CMOS Integrated Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3211TSN13A Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIC3211TSN13A Datasheet HTML 1Page - KEC(Korea Electronics) KIC3211TSN13A Datasheet HTML 2Page - KEC(Korea Electronics) KIC3211TSN13A Datasheet HTML 3Page - KEC(Korea Electronics) KIC3211TSN13A Datasheet HTML 4Page - KEC(Korea Electronics) KIC3211TSN13A Datasheet HTML 5Page - KEC(Korea Electronics) KIC3211TSN13A Datasheet HTML 6Page - KEC(Korea Electronics) KIC3211TSN13A Datasheet HTML 7Page - KEC(Korea Electronics) KIC3211TSN13A Datasheet HTML 8Page - KEC(Korea Electronics) KIC3211TSN13A Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2010. 2. 10
3/10
KIC3211 Series
Revision No : 0
1
23
5
A
C
4
Pin No.
Pin name
Pin Description
1
VDD
Input Pin
2
GND
Ground Pin
3
CE
Enable/Shutdown (Input) : CMOS compatible input.
Logic high=enable, logic low=shutdown. Do not leave open.
4
NC
No connectin
5
VOUT
Regulator Output
CIN=1.0µF
Ceramic
COUT=1.0µF
Ceramic
VIN
VIN
KIC3211XXXXA
OUT
CE
GND
VOUT
Shutdown / Enable
PIN DESCRIPTIONS
Application Circuit
Stability with ceramic output capacitors
Cin = Cout = 1.0㎌ (X7R, X5R)
TSV PKG
54
6
23
1
Pin No.
Pin name
Pin Description
1
VDD
Input Pin
2
GND
Ground Pin
3
VOUT
Regulator Output
4
NC
No connectin
5
GND
Ground Pin
6
CE
Enable/Shutdown (Input) : CMOS compatible input.
Logic high=enable, logic low=shutdown. Do not leave open.
SON1612-6 PKG


Número de pieza similar - KIC3211TSN13A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN12A KEC-KIC3211SN12A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN13A KEC-KIC3211SN13A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN14A KEC-KIC3211SN14A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN15A KEC-KIC3211SN15A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
More results

Descripción similar - KIC3211TSN13A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC3211 KEC-KIC3211_11 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com