Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FML13N60ES Datasheet(PDF) 1 Page - Fuji Electric

No. de pieza FML13N60ES
Descripción Electrónicos  N-CHANNEL SILICON POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FML13N60ES Datasheet(HTML) 1 Page - Fuji Electric

  FML13N60ES Datasheet HTML 1Page - Fuji Electric FML13N60ES Datasheet HTML 2Page - Fuji Electric FML13N60ES Datasheet HTML 3Page - Fuji Electric FML13N60ES Datasheet HTML 4Page - Fuji Electric FML13N60ES Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
FML13N60ES
FUJI POWER MOSFET
N-CHANNEL SILICON POWER MOSFET
Features
Maintains both low power loss and low noise
Lower RDS(on) characteristic
More controllable switching dv/dt by gate resistance
Smaller VGS ringing waveform during switching
Narrow band of the gate threshold voltage (4.2±0.5V)
High avalanche durability
Applications
Switching regulators
UPS (Uninterruptible Power Supply)
DC-DC converters
Maximum Ratings and Characteristics
Absolute Maximum Ratings at Tc=25°C (unless otherwise specified)
Description
Symbol
Characteristics
Unit
Remarks
Drain-Source Voltage
VDS
600
V
VDSX
600
V
VGS = -30V
Continuous Drain Current
ID
±13
A
Pulsed Drain Current
IDP
±52
A
Gate-Source Voltage
VGS
±30
V
Repetitive and Non-Repetitive Maximum Avalanche Current
IAR
13
A
Note*1
Non-Repetitive Maximum Avalanche Energy
EAS
471.5
mJ
Note*2
Repetitive Maximum Avalanche Energy
EAR
22.5
mJ
Note*3
Peak Diode Recovery dV/dt
dV/dt
4.7
kV/µs
Note*4
Peak Diode Recovery -di/dt
-di/dt
100
A/µs
Note*5
Maximum Power Dissipation
PD
1.44
W
Ta=25°C
225
Tc=25°C
Operating and Storage Temperature range
Tch
150
°C
Tstg
-55 to +150
°C
Outline Drawings [mm]
Equivalent circuit schematic
Electrical Characteristics at Tc=25°C (unless otherwise specified)
Description
Symbol
Conditions
min.
typ.
max.
Unit
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
600
-
-
V
Gate Threshold Voltage
VGS (th)
ID=250µA, VDS=VGS
3.7
4.2
4.7
V
Zero Gate Voltage Drain Current
IDSS
VDS=600V, VGS=0V
Tch=25°C
-
-
25
µA
VDS=480V, VGS=0V
Tch=125°C
-
-
250
Gate-Source Leakage Current
IGSS
VGS=±30V, VDS=0V
-
10
100
nA
Drain-Source On-State Resistance
RDS (on)
ID=6.5A, VGS=10V
-
0.50
0.58
Forward Transconductance
gfs
ID=6.5A, VDS=25V
5
10
-
S
Input Capacitance
Ciss
VDS=25V
VGS=0V
f=1MHz
-
1700
2550
pF
Output Capacitance
Coss
-
190
285
Reverse Transfer Capacitance
Crss
-
10
15
Turn-On Time
td(on)
Vcc=300V
VGS=10V
ID=6.5A
RG=18Ω
-
38
57
ns
tr
-
24
36
Turn-Off Time
td(off)
-
86
129
tf
-
16
24
Total Gate Charge
QG
Vcc=300V
ID=13A
VGS=10V
-
48
56
nC
Gate-Source Charge
QGS
-
16
24
Drain-Source Crossover Charge
QSW
-
7
10.5
Gate-Drain Charge
QGD
-
16
24
Avalanche Capability
IAV
L=2.36mH, Tch=25°C
13
-
-
A
Diode Forward On-Voltage
VSD
IF=13A, VGS=0V, Tch=25°C
-
0.90
1.08
V
Reverse Recovery Time
trr
IF=13A, VGS=0V
-di/dt=100A/µs, Tch=25°C
-
0.7
-
µS
Reverse Recovery Charge
Qrr
-
8
-
µC
1
2
4
3
D
S2
G
S1
0.4±0.1
9.0± 0.2
7.0±0.2
2.0
2.5
2.0
1.5
1.0±0.2
1.0±0.2
3.6±0.2
(4.0)
(0.8)
(3.2)
1
2
3
Solder
Plating
4
TFP
Super FAP-E3 series
http://www.fujisemi.com
Note *1 : Tch≤150°C
Note *2 : Stating Tch=25°C, IAS=5A, L=33.8mH, Vcc=50V, RG=10Ω,
EAS limited by maximum channel temperature and avalanche current.
Note *3 : Repetitive rating : Pulse width limited by maximum channel temperature.
Thermal Characteristics
Description
Symbol
Test Conditions
min.
typ.
max.
Unit
Thermal resistance
Rth (ch-c)
Channel to case
0.56
°C/W
Rth (ch-a)
Channel to Ambient
87
°C/W
Rth (ch-a)
Channel to Ambient Note*6
52
°C/W
Note *4 : IF≤-ID, -di/dt=100A/µs, Vcc≤BVDSS, Tch≤150°C.
Note *5 : IF≤-ID, dv/dt=6.3kV/µs, Vcc≤BVDSS, Tch≤150°C.
Note *6 : Surface mounted on 1000mm2, t=1.6mm FR-4 PCB (Drain pad area : 500mm2)


Número de pieza similar - FML13N60ES

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
FML130 RECTRON-FML130 Datasheet
356Kb / 4P
   SUPER LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FML130B RECTRON-FML130B Datasheet
329Kb / 6P
   SUPER LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
More results

Descripción similar - FML13N60ES

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com