Nombre de pieza
         Descripción
2N918

 Type 2N918 Geometry 0013 Polarity NPN ( 2 Page)


SEMICOA
100% 
Zoom Out Zoom In
   
 2 page
background image
Data Sheet No. 2N918
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 1.0 µA
Collector-Emitter Breakdown Voltage
IC = 3.0 mA
Emitter-Base Breakdown Voltage
IC = 10 µA
Collector-Base Cutoff Current
VCB = 25 V
Collector-Base Cutoff Current
VCB = 25 V, TA = 150
oC
Emitter-Base Cutoff Current
VEB = 2.5 V
ICBO2
---
1
µA
IEBO
---
10
nA
ICBO1
3.0
10
nA
V
V(BR)CEO
3.0
---
V(BR)CEO
15
---
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V(BR)CBO
30
---
V
ON Characteristics
Symbol
Min
Max
Unit
Forward Current Transfer Ratio
IC = 500 µA, VCE = 10 V
hFE1
10
---
---
IC = 3.0 mA, VCE = 1.0 V
hFE2
20
200
---
IC = 10 mA, VCE = 10 V
hFE3
20
---
---
IC = 3.0 mA, VCE = 1.0 V, TC = -55
oC
hFE4
10
---
---
Base-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
VBE(sat)
---
1.0
V dc
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
VCE(sat)
---
0.4
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Magnitude of Common Emitter, Small Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 10 V, IC = 4.0 mA, f = 100 MHz
Noise Figure
VCE = 6 V, IC = 1.0 mA, f = 60 MHz
Small Signal Power Gain
VCB = 12 V, IC = 6.0 mA, f = 200 MHz
Collector - Base Time Constant
VCB = 10 V, IE = -4.0 mA, f = 79.8 MHz
Oscillator Power Output
VCB = 15 V, IC = 8.0 mA, f > 500 MHz
Collector Efficiency
VCB = 15 V, IC = 8.0 mA, f > 500 MHz
Open Circuit Output Capacitance
VCB = 0 V, IE = 0, 100 kHz < f < 1 MHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
CIBO
---
2.0
pF
COBO2
---
1.7
pF
COBO1
---
3.0
pF
n
---
25
---
po
---
30
mW
rb'Cc
---
25
ps
|hFE|
6.0
18
---
dB
GPE
15
---
dB
NF
---
6.0
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2C918Chip Type 2C918 Geometry 0013 Polarity NPN 1 Semicoa Semiconductor
2C3960Chip Type 2C3960 Geometry 0003 Polarity NPN 1 Semicoa Semiconductor
2N2857Type 2N2857 Geometry 0011 Polarity NPN 1 2 Semicoa Semiconductor
2N3499Type 2N3499 Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N5004Type 2N5004 Geometry 9202 Polarity NPN 1 2 Semicoa Semiconductor
2N6989Type 2N6989 Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N2857UBType 2N2857UB Geometry 0011 Polarity NPN 1 2 Semicoa Semiconductor
2N3499LType 2N3499L Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N3500Type 2N3500 Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N5109Type 2N5109 Geometry 1007 Polarity NPN 1 2 Semicoa Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl