Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS906C3R Datasheet(PDF) 4 Page - Fuji Electric

No. de pieza TS906C3R
Descripción Electrónicos  Low-Loss Fast Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TS906C3R Datasheet(HTML) 4 Page - Fuji Electric

  TS906C3R Datasheet HTML 1Page - Fuji Electric TS906C3R Datasheet HTML 2Page - Fuji Electric TS906C3R Datasheet HTML 3Page - Fuji Electric TS906C3R Datasheet HTML 4Page - Fuji Electric TS906C3R Datasheet HTML 5Page - Fuji Electric TS906C3R Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TS906C3R
5
http://www.fujisemi.com
FUJI Diode
0
5
10
15
20
60
70
80
90
100
110
120
130
140
150
160
λ
Sine wave λ=180°
Square wave λ=180°
Square wave λ=120
Square wave λ=60°
:Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
DC
Current Derating (Io-Tc) (max.)
IO Average Output Current (A)
0
0
1
0
1
1
10
100
1000
Surge Capability (max.)
Number of Cycles at 50Hz
0
0
1
0
1
1
1
10
100
Junction Capacitance Characteristic (typ.)
VR Reverse Voltage (V)


Número de pieza similar - TS906C3R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
TS906C2 FUJI-TS906C2 Datasheet
77Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results

Descripción similar - TS906C3R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
PH975C6 FUJI-PH975C6_10 Datasheet
531Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C4R FUJI-TS985C4R Datasheet
561Kb / 6P
   Low-Loss Fast Recovery Diode
YG912S6RR FUJI-YG912S6RR Datasheet
662Kb / 6P
   Low-Loss Fast Recovery Diode
YG982C6R FUJI-YG982C6R Datasheet
699Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C6R FUJI-TS985C6R_10 Datasheet
642Kb / 6P
   Low-Loss Fast Recovery Diode
YA982S6R FUJI-YA982S6R_10 Datasheet
711Kb / 6P
   Low-Loss Fast Recovery Diode
PG985C3R FUJI-PG985C3R Datasheet
525Kb / 6P
   Low-Loss Fast Recovery Diode
YG971S8R FUJI-YG971S8R Datasheet
853Kb / 6P
   Low-Loss Fast Recovery Diode
YG982C3R FUJI-YG982C3R Datasheet
666Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C4R FUJI-TS982C4R Datasheet
548Kb / 6P
   Low-Loss Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com