Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S-100F-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd. |
|
S-100F-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd. |
1 / 2 page SPECIFICATION S-100F-5 S-100F-7.5 S-100F-12 S-100F-15 S-100F-24 S-100F-48 MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDUP TIME (Typ.) VOLTAGERANGE FREQUENCY RANGE EFFICIENCY (Typ.) INPUT INRUSHCURRENT (Typ.) LEAKAGECURRENT SAFETY STANDARDS WORKINGTEMP. WORKINGHUMIDITY STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVERLOAD OVERVOLTAGE ACCURRENT (Typ.) 5V 7.5V 12V 15V 24V 48V 20A 13.5A 8.5A 6.7A 4.5A 2.2A 0~20A 0~13.5A 0~8.5A 0~6.7A 0~4.5A 0~2.2A 100W 101W 102W 100.5W 108W 105.6W 100mVp-p 125mVp-p 125mVp-p 125mVp-p 150mVp-p 150mVp-p 2.0% 4.5~5.5V 6.75~8.25V 10.8~13.2V 13.5~16.5V 21.6~26.4V 43.2~52.8V 1.0% 1.0% 1.0% 1.0% 1.0% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 1.0% 0.5% 0.5% 0.5% 0.5% 0.5% 1000ms,30msatfullload 20msatfullload 88~132VAC/176~264VACselectedbyjumperorswitch248~370VDC 47~63Hz 76% 78% 80% 81% 83% 84% 3.15A/115VAC1.5A/230VAC COLDSTART 20A/115VAC40A/230VAC <1mA /240VAC 105~150% ratedoutputpower 5.75~6.75V 8.63~10.13V 13.8~16.2V 17.25~20.25V 27.6~32.4V 55.2~64.8V Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved -10~+60 (Refertooutputloadderatingcurve) 20~90%RHnon-condensing -20~+85 ,10~95%RH 0.03%/ (0~50 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes 314.9Khrsmin.MIL-HDBK-217F(25 ) 199*98*38mm(L*W*H) 0.65Kg;20pcs/14.2Kg/0.8CUFT FileName:S-100F-SPEC2010-10-18 HARMONICCURRENT EMSIMMUNITY Complianceto EN61000-3-2,-3 Complianceto EN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,lightindustrylevel,criteria A CSA60950-1(for24Vonly), ,CCCGB4943approved UL1012,UL60950-1, TUVEN60950-1 CompliancetoEN55022(CISPR22)ClassB 100WSingleOutputSwitchingPowerSupply AC input range selectable by switch Protections: Short circuit / Overload / Over voltage Cooling by free air convection 100% full load burn-in test Fixed switching frequency at 83KHz 2 years warranty Features : S - 1 0 0 F series RIPPLE&NOISE(max.) Note.2 VOLTAGETOLERANCE Note.3 ENVIRONMENT SAFETY & EMC (Note4) PROTECTION EMICONDUCTION&RADIATION WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25 /70%RH 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. For guidance on how to perform these EMC tests, please refer to EMI testing of component power supplies. (as available on http://www.meanwell.com) (for 24V only) |
Número de pieza similar - S-100F-48 |
|
Descripción similar - S-100F-48 |