Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6227Q Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza L6227Q
Descripción Electrónicos  DMOS dual full bridge driver with PWM current controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6227Q Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6227Q_09 Datasheet HTML 4Page - STMicroelectronics L6227Q_09 Datasheet HTML 5Page - STMicroelectronics L6227Q_09 Datasheet HTML 6Page - STMicroelectronics L6227Q_09 Datasheet HTML 7Page - STMicroelectronics L6227Q_09 Datasheet HTML 8Page - STMicroelectronics L6227Q_09 Datasheet HTML 9Page - STMicroelectronics L6227Q_09 Datasheet HTML 10Page - STMicroelectronics L6227Q_09 Datasheet HTML 11Page - STMicroelectronics L6227Q_09 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical characteristics
L6227Q
8/27
PWM comparator and monostable
IRCA, IRCB Source current at pins RCA and RCB
VRCA = VRCB = 2.5 V
3.5
5.5
mA
Voffset
Offset voltage on sense comparator
VREFA, VREFB = 0.5 V
±5
mV
tPROP
Turn OFF propagation delay (3)
500
ns
tBLANK
Internal blanking time on SENSE pins
1
µs
tON(MIN)
Minimum on time
2.5
3
µs
tOFF
PWM recirculation time
ROFF = 20 kΩ; COFF = 1 nF
13
µs
ROFF = 100 kΩ; COFF = 1 nF
61
µs
IBIAS
Input bias current at pins VREFA and
VREFB
10
µA
Over current protection
ISOVER
Input supply overcurrent protection
threshold
TJ = -25 °C to 125 °C
(1)
2.8
A
ROPDR
Open drain ON resistance
I = 4 mA
40
60
tOCD(ON)
OCD turn-on delay time (4)
I = 4 mA; CEN < 100 pF
200
ns
tOCD(OFF)
OCD turn-off delay time (4)
I = 4 mA; CEN < 100 pF
100
ns
1.
Tested at 25 °C in a restricted range and guaranteed by characterization.
2.
See
Figure 3 on page 9
3.
Measured applying a voltage of 1 V to pin SENSE and a voltage drop from 2 V to 0 V to pin VREF.
4.
See
Figure 4 on page 9
Table 5.
Electrical characteristics (continued) (TA = 25 °C, Vs = 48 V, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit


Número de pieza similar - L6227Q_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6227Q STMICROELECTRONICS-L6227Q Datasheet
437Kb / 27P
   DMOS dual full bridge driver with PWM current controller
More results

Descripción similar - L6227Q_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6227 STMICROELECTRONICS-L6227 Datasheet
380Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
L6207PD013TR STMICROELECTRONICS-L6207PD013TR Datasheet
633Kb / 33P
   DMOS dual full bridge driver with PWM current controller
L6227Q STMICROELECTRONICS-L6227Q Datasheet
437Kb / 27P
   DMOS dual full bridge driver with PWM current controller
L6207 STMICROELECTRONICS-L6207 Datasheet
387Kb / 23P
   DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com