Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL19W01-WW-T32 Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TL19W01-WW-T32
Descripción Electrónicos  LED lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL19W01-WW-T32 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TL19W01-WW-T32 Datasheet HTML 2Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 3Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 4Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 5Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 6Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 7Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 8Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 9Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TL19W01-WW(T32
2010-12-13
8
3. Reel dimensions
Unit: mm
4. Leader and trailer sections of tape
9
+1/−0
11.4
± 1.0
2
± 0.5
φ44
Leading part: 190 mm (min)
40 mm or more
40 mm or more


Número de pieza similar - TL19W01-WW-T32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TL19W01-W TOSHIBA-TL19W01-W Datasheet
281Kb / 10P
   LED lamps
TL19W01-W-T32 TOSHIBA-TL19W01-W-T32 Datasheet
281Kb / 10P
   LED lamps
More results

Descripción similar - TL19W01-WW-T32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com