Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7427927311 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7427927311
Descripción Electrónicos  Multilayer-SMD-Ferrite
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427927311 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427927311 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427927311 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bezeichnung :
description :
SMU
Version 1
09-07-27
Name
Änderung / modification
Datum / date
Würth Elektronik eiSos GmbH & Co. KG
Datum / date
Unterschrift / signature
Würth Elektronik
H typischer Impedanzverlauf / typical impedance curve:
Freigabe erteilt / general release:
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
...........................................................................
..................................................................................
Geprüft / checked
Kontrolliert / approved
Kunde / customer
...........................................................................
..................................................................................
Multilayer-SMD-Ferrit
Multilayer-SMD-Ferrite
DATUM / DATE : 2009-07-27
Artikelnummer / part number :
7427927311
Spezifikation für Freigabe / specification for release
Kunde / customer :
CH1 |Z|
CH2 XL
CH3 R
1
10
100
1000
1
10
100
1000
10000
Frequenz / frequency [MHz]
Z
XL
R
IF BW 10kHz
POWER 0 dBm
SWP134,5 msec
START 1 MHz
STOP 3,0 GHz
typischer Impedanzverlauf /
typical Impedance curve
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the
design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and
reliability functions or performance.
SEITE 2 VON 2


Número de pieza similar - 7427927311

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
742792731 WURTH-742792731 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
742792731 WURTH-742792731 Datasheet
563Kb / 7P
   WE-CBF SMT EMI Suppression Ferrite Bead
002.010
7427927310 WURTH-7427927310 Datasheet
75Kb / 2P
   Multilayer-SMD-Ferrite
742792731 WURTH-742792731_V01 Datasheet
563Kb / 7P
   WE-CBF SMT EMI Suppression Ferrite Bead
002.010
More results

Descripción similar - 7427927311

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7427927291 WURTH-7427927291 Datasheet
77Kb / 2P
   Multilayer-SMD-Ferrite
7427927130 WURTH-7427927130 Datasheet
75Kb / 2P
   Multilayer-SMD-Ferrite
742792701 WURTH-742792701 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
742792731 WURTH-742792731 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
742792693 WURTH-742792693 Datasheet
150Kb / 2P
   Multilayer-SMD-Ferrite
742792010 WURTH-742792010 Datasheet
149Kb / 2P
   Multilayer-SMD-Ferrite
74279266 WURTH-74279266 Datasheet
150Kb / 2P
   Multilayer-SMD-Ferrite
7427927112 WURTH-7427927112 Datasheet
87Kb / 2P
   Multilayer-SMD-Ferrite
74279266A WURTH-74279266A Datasheet
73Kb / 2P
   Multilayer-SMD-Ferrite
742792655 WURTH-742792655 Datasheet
150Kb / 2P
   Multilayer-SMD-Ferrite
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com