Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDZ6V2CG Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

No. de pieza SDZ6V2CG
Descripción Electrónicos  Small Signal Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDZ6V2CG Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SDZ6V2CG Datasheet HTML 1Page - KODENSHI_AUK CORP. SDZ6V2CG Datasheet HTML 2Page - KODENSHI_AUK CORP. SDZ6V2CG Datasheet HTML 3Page - KODENSHI_AUK CORP. SDZ6V2CG Datasheet HTML 4Page - KODENSHI_AUK CORP. SDZ6V2CG Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. date: 13-JUN-11
KSD-D6B038-000
www.auk.co.kr
1 of 5
SDZ6V2CG
ZENER DIODE
Small Signal Zener Diode
Features and Benefits
Silicon planar power zener diode
Small power mold Type
High reliability and very high stability
“Green” device and RoHS compliant device
Applications
Constant voltage regulation
Reference voltage application
Ordering Information
Marking Information
Pinning Information
Pin
Description
Simplified Outline
Graphic Symbol
1
Cathode
2
Anode
Absolute Maximum Ratings (Tamb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Power dissipation
1)
PD
1000
mW
Operating junction temperature
TJ
150
C
Storage temperature range
Tstg
-55 to +150
1) Device mounted on FR4 PCB, Single Side Coper, Mounting Pad for 2.5х2.5 mm.
Part Number
Marking Code
Package
Packaging
SDZ6V2CG
SOD-123
Tape & Reel
= Clip Bonding Marking
6V2 = Specific Device Code
□ = Year & Week Code Marking
= Color Band Denote Cathode
6V2
SOD-123
6V2


Número de pieza similar - SDZ6V2CG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SDZ6V2 AUK-SDZ6V2 Datasheet
40Kb / 3P
   Zener Diode
logo
KODENSHI_AUK CORP.
SDZ6V2 KODENSHI-SDZ6V2 Datasheet
146Kb / 5P
   Small Signal Zener Diode
SDZ6V2 KODENSHI-SDZ6V2 Datasheet
146Kb / 5P
   ZENER DIODE
logo
AUK corp
SDZ6V2AD AUK-SDZ6V2AD Datasheet
120Kb / 3P
   ESD Protection Diode
logo
KODENSHI_AUK CORP.
SDZ6V2AD KODENSHI-SDZ6V2AD Datasheet
143Kb / 5P
   ESD Protection Zener Diode
More results

Descripción similar - SDZ6V2CG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
SDZ3V0Q KODENSHI-SDZ3V0Q_18 Datasheet
171Kb / 5P
   Small Signal Zener Diode
SDZ6V2Z KODENSHI-SDZ6V2Z Datasheet
160Kb / 5P
   Small Signal Zener Diode
SDZ6V8 KODENSHI-SDZ6V8 Datasheet
146Kb / 5P
   Small Signal Zener Diode
SDZ6V8D KODENSHI-SDZ6V8D Datasheet
160Kb / 5P
   Small Signal Zener Diode
SDZ6V8WA KODENSHI-SDZ6V8WA Datasheet
147Kb / 5P
   Small Signal Zener Diode
SDZ18VG KODENSHI-SDZ18VG Datasheet
260Kb / 5P
   Small Signal Zener Diode
SDZ24V KODENSHI-SDZ24V Datasheet
146Kb / 5P
   Small Signal Zener Diode
SDZ6V2D KODENSHI-SDZ6V2D Datasheet
149Kb / 5P
   Small Signal Zener Diode
SDZ6V2F KODENSHI-SDZ6V2F Datasheet
161Kb / 5P
   Small Signal Zener Diode
SDZ3V0Q KODENSHI-SDZ3V0Q Datasheet
151Kb / 5P
   Small Signal Zener Diode
SDZ5V1D KODENSHI-SDZ5V1D Datasheet
160Kb / 5P
   Small Signal Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com