Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC337G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza BC337G
Descripción Electrónicos  Amplifier Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC337G Datasheet(HTML) 2 Page - ON Semiconductor

  BC337G Datasheet HTML 1Page - ON Semiconductor BC337G Datasheet HTML 2Page - ON Semiconductor BC337G Datasheet HTML 3Page - ON Semiconductor BC337G Datasheet HTML 4Page - ON Semiconductor BC337G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BC337, BC337−25, BC337−40
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 10 mA, IB = 0)
V(BR)CEO
45
Vdc
Collector−Emitter Breakdown Voltage
(IC = 100 mA, IE = 0)
V(BR)CES
50
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mA, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 30 V, IE = 0)
ICBO
100
nAdc
Collector Cutoff Current
(VCE = 45 V, VBE = 0)
ICES
100
nAdc
Emitter Cutoff Current
(VEB = 4.0 V, IC = 0)
IEBO
100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mA, VCE = 1.0 V)
BC337
BC337−25
BC337−40
(IC = 300 mA, VCE = 1.0 V)
hFE
100
160
250
60
630
400
630
Base−Emitter On Voltage
(IC = 300 mA, VCE = 1.0 V)
VBE(on)
1.2
Vdc
Collector−Emitter Saturation Voltage
(IC = 500 mA, IB = 50 mA)
VCE(sat)
0.7
Vdc
SMALL−SIGNAL CHARACTERISTICS
Output Capacitance
(VCB = 10 V, IE = 0, f = 1.0 MHz)
Cob
15
pF
Current−Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
fT
210
MHz
Figure 1. Thermal Response
t, TIME (SECONDS)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
qJC(t) = (t) qJC
qJC = 100°C/W MAX
qJA(t) = r(t) qJA
qJA = 375°C/W MAX
D CURVES APPLY FOR
POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
SINGLE PULSE


Número de pieza similar - BC337G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BC337G ONSEMI-BC337G Datasheet
65Kb / 5P
   Amplifier Transistors NPN Silicon
September, 2005 ??Rev. 5
BC337G ONSEMI-BC337G Datasheet
70Kb / 5P
   Amplifier Transistors NPN SILICON
March, 2007 ??Rev. 6
BC337G ONSEMI-BC337G Datasheet
146Kb / 5P
   Amplifier Transistors
June, 2009 ??Rev. 7
logo
Unisonic Technologies
BC337G-X-T92-B UTC-BC337G-X-T92-B Datasheet
117Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC337G-x-T92-B UTC-BC337G-x-T92-B Datasheet
148Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results

Descripción similar - BC337G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com