Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD435 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza BD435
Descripción Electrónicos  Plastic Medium Power Silicon NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD435 Datasheet(HTML) 1 Page - ON Semiconductor

  BD435 Datasheet HTML 1Page - ON Semiconductor BD435 Datasheet HTML 2Page - ON Semiconductor BD435 Datasheet HTML 3Page - ON Semiconductor BD435 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005− Rev. 14
1
Publication Order Number:
BD437/D
BD435, BD437, BD439,
BD441
Plastic Medium Power
Silicon NPN Transistor
This series of plastic, medium−power silicon NPN transistors can be
used for amplifier and switching applications. Complementary types
are BD438 and BD442.
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
BD435
BD437
BD439
BD441
VCEO
32
45
60
80
Vdc
Collector−Base Voltage
BD435
BD437
BD439
BD441
VCBO
32
45
60
80
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
4.0
Adc
Base Current
IB
1.0
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
36
288
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
qJC
3.5
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
Device
Package
Shipping
BD435
TO−225AA
500 Units/Box
BD437
TO−225AA
500 Units/Box
4.0 AMPERES
POWER TRANSISTORS
NPN SILICON
BD439
TO−225AA
500 Units/Box
BD441
TO−225AA
500 Units/Box
TO−225AA
CASE 77
STYLE 1
MARKING DIAGRAM
YWW
BD4xxG
3
2 1
BD437T
TO−225AA
50 Units/Rail
ORDERING INFORMATION
BD4xx
= Device Code
xx = 35, 37, 37T, 39, 41
Y
= Year
WW
= Work Week
G
= Pb−Free Package
BD435G
TO−225AA
(Pb−Free)
500 Units/Box
BD437G
TO−225AA
(Pb−Free)
500 Units/Box
BD437TG
TO−225AA
(Pb−Free)
50 Units/Rail
BD439G
TO−225AA
(Pb−Free)
500 Units/Box
BD441G
TO−225AA
(Pb−Free)
500 Units/Box


Número de pieza similar - BD435

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BD435 STMICROELECTRONICS-BD435 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
SHENZHEN YONGERJIA INDU...
BD435 WINNERJOIN-BD435 Datasheet
102Kb / 1P
   TRANSISTOR (NPN)
logo
Siemens Semiconductor G...
BD435 SIEMENS-BD435 Datasheet
183Kb / 5P
   PNP SILICON EPIBASE TRANSISTORS
logo
Savantic, Inc.
BD435 SAVANTIC-BD435 Datasheet
103Kb / 3P
   Silicon NPN Power Transistors
logo
Fairchild Semiconductor
BD435 FAIRCHILD-BD435 Datasheet
44Kb / 5P
   Medium Power Linear and Switching Applications
More results

Descripción similar - BD435

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
BD185 NJSEMI-BD185 Datasheet
89Kb / 1P
   PLASTIC MEDIUM POWER SILICON NPN TRANSISTOR
logo
ON Semiconductor
BD179 ONSEMI-BD179 Datasheet
86Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
July, 2007 - Rev. 12
BD159 ONSEMI-BD159_06 Datasheet
61Kb / 3P
   Plastic Medium Power NPN Silicon Transistor
February, 2006 ??Rev. 4
BD435 ONSEMI-BD435 Datasheet
63Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
logo
Motorola, Inc
BD157 MOTOROLA-BD157 Datasheet
100Kb / 4P
   Plastic Medium Power NPN Silicon Transistor
logo
ON Semiconductor
MJE340G ONSEMI-MJE340G_13 Datasheet
118Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
December, 2013 ??Rev. 13
logo
Motorola, Inc
BD437 MOTOROLA-BD437 Datasheet
106Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD165 MOTOROLA-BD165 Datasheet
110Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD237 MOTOROLA-BD237 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
ON Semiconductor
MJE344G ONSEMI-MJE344G Datasheet
101Kb / 3P
   Plastic NPN Silicon Medium-Power Transistor
December, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com