Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUH50G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza BUH50G
Descripción Electrónicos  SWITCHMODE NPN Silicon Planar Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUH50G Datasheet(HTML) 2 Page - ON Semiconductor

  BUH50G Datasheet HTML 1Page - ON Semiconductor BUH50G Datasheet HTML 2Page - ON Semiconductor BUH50G Datasheet HTML 3Page - ON Semiconductor BUH50G Datasheet HTML 4Page - ON Semiconductor BUH50G Datasheet HTML 5Page - ON Semiconductor BUH50G Datasheet HTML 6Page - ON Semiconductor BUH50G Datasheet HTML 7Page - ON Semiconductor BUH50G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BUH50G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (IC = 100 mA, L = 25 mH)
VCEO(sus)
500
Vdc
Collector Cutoff Current (VCE = Rated VCEO, IB = 0)
ICEO
100
mAdc
Collector Cutoff Current
@ TC = 25°C
(VCE = Rated VCES, VEB = 0) @ TC = 125°C
ICES
100
1000
mAdc
Emitter−Cutoff Current (VEB = 9 Vdc, IC = 0)
IEBO
100
mAdc
ON CHARACTERISTICS
Base−Emitter Saturation Voltage
(IC = 1 Adc, IB = 0.33 Adc)
(IC = 2 Adc, IB = 0.66 Adc) 25°C
(IC = 2 Adc, IB = 0.66 Adc) 100°C
VBE(sat)
0.86
0.94
0.85
1.2
1.6
1.5
Vdc
Collector−Emitter Saturation Voltage
(IC = 1 Adc, IB = 0.33 Adc)
@ TC = 25°C
VCE(sat)
0.2
0.5
Vdc
(IC = 2 Adc, IB = 0.66 Adc)
@ TC = 25°C
@ TC = 125°C
0.32
0.29
0.6
0.7
(IC = 3 Adc, IB = 1 Adc)
@ TC = 25°C
0.5
1
DC Current Gain (IC = 1 Adc, VCE = 5 Vdc)
@ TC = 25°C
hFE
7
13
DC Current Gain (IC = 2 Adc, VCE = 5 Vdc)
@ TC = 25°C
5
10
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth (IC = 0.5 Adc, VCE = 10 Vdc, f = 1 MHz)
fT
4
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1 MHz)
Cob
50
100
pF
Input Capacitance (VEB = 8 Vdc)
Cib
850
1200
pF
DYNAMIC SATURATION VOLTAGE
Dynamic Saturation
Voltage:
Determined 1 ms and
3 ms respectively after
rising IB1 reaches
90% of final IB1
IC = 1 A
IB1 = 0.33 A
VCC = 300 V
@ 1 ms
@ TC = 25°C
@ TC = 125°C
VCE(dsat)
1.75
5
V
@ 3 ms
@ TC = 25°C
@ TC = 125°C
0.3
0.5
V
IC = 2 A
IB1 = 0.66 A
VCC = 300 V
@ 1 ms
@ TC = 25°C
@ TC = 125°C
6
14
V
@ 3 ms
@ TC = 25°C
@ TC = 125°C
0.75
4
V
SWITCHING CHARACTERISTICS: Resistive Load (D.C. ≤ 10%, Pulse Width = 20 ms)
Turn−on Time
IC = 2 Adc, IB1 = 0.4 Adc
IB2 = 0.4 Adc
VCC = 125 Vdc
@ TC = 25°C
ton
95
250
ns
Turn−off Time
@ TC = 25°C
toff
2.5
3.5
ms
Turn−on Time
IC = 2 Adc, IB1 = 0.4 Adc
IB2 = 1 Adc
VCC = 125 Vdc
@ TC = 25°C
ton
110
250
ns
Turn−off Time
@ TC = 25°C
toff
0.95
2
ms
Turn−on Time
IC = 1 Adc, IB1 = 0.3 Adc
IB2 = 0.3 Adc
VCC = 125 Vdc
@ TC = 25°C
ton
100
200
ns
Turn−off Time
@ TC = 25°C
toff
2.9
3.5
ms
SWITCHING CHARACTERISTICS: Inductive Load (Vclamp = 300 V, VCC = 15 V, L = 200 mH)
Fall Time
IC = 2 Adc
IB1 = 0.4 Adc
IB2 = 1 Adc
@ TC = 25°C
@ TC = 125°C
tf
80
95
150
ns
Storage Time
@ TC = 25°C
@ TC = 125°C
ts
1.2
1.7
2.5
ms
Crossover Time
@ TC = 25°C
@ TC = 125°C
tc
150
180
300
ns
Fall Time
IC = 2 Adc
IB1 = 0.66 Adc
IB2 = 1 Adc
@ TC = 25°C
@ TC = 125°C
tf
90
100
150
ns
Storage Time
@ TC = 25°C
@ TC = 125°C
ts
1.7
2.5
2.75
ms
Crossover Time
@ TC = 25°C
@ TC = 125°C
tc
190
220
350
ns


Número de pieza similar - BUH50G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BUH50 MOTOROLA-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
ON Semiconductor
BUH50 ONSEMI-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com