Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUH150G Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza BUH150G
Descripción Electrónicos  SWITCHMODE NPN Silicon Planar Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUH150G Datasheet(HTML) 5 Page - ON Semiconductor

  BUH150G Datasheet HTML 1Page - ON Semiconductor BUH150G Datasheet HTML 2Page - ON Semiconductor BUH150G Datasheet HTML 3Page - ON Semiconductor BUH150G Datasheet HTML 4Page - ON Semiconductor BUH150G Datasheet HTML 5Page - ON Semiconductor BUH150G Datasheet HTML 6Page - ON Semiconductor BUH150G Datasheet HTML 7Page - ON Semiconductor BUH150G Datasheet HTML 8Page - ON Semiconductor BUH150G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BUH150G
http://onsemi.com
5
TYPICAL STATIC CHARACTERISTICS
Figure 7. Base−Emitter Saturation Region
1.5
0.5
0
100
1
0.1
0.001
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
TJ = 25°C
TJ = -20°C
1
0.01
IC/IB = 10
Figure 8. Collector Saturation Region
2
1
0
100
1
0.1
0.01
IB, BASE CURRENT (A)
VCE(sat)
(IC = 1 A)
TJ = 25°C
8 A
5 A
1.5
0.5
20 A
15 A
Figure 9. Capacitance
10000
10
100
10
1
VR, REVERSE VOLTAGE (VOLTS)
100
Cib (pF)
TJ = 25°C
f(test) = 1 MHz
1000
Figure 10. Resistive Breakdown
900
700
400
1000
100
10
RBE (W)
TJ = 25°C
BVCER @ 10 mA
800
600
500
BVCER(sus) @ 200 mA
10
10
10 A
Cob (pF)


Número de pieza similar - BUH150G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BUH150 MOTOROLA-BUH150 Datasheet
462Kb / 10P
   POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
logo
ON Semiconductor
BUH150 ONSEMI-BUH150 Datasheet
462Kb / 10P
   POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com