Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJ14001 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MJ14001
Descripción Electrónicos  High?묬urrent Complementary Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ14001 Datasheet(HTML) 3 Page - ON Semiconductor

  MJ14001 Datasheet HTML 1Page - ON Semiconductor MJ14001 Datasheet HTML 2Page - ON Semiconductor MJ14001 Datasheet HTML 3Page - ON Semiconductor MJ14001 Datasheet HTML 4Page - ON Semiconductor MJ14001 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MJ14001 (PNP), MJ14002* (NPN), MJ14003* (PNP)
http://onsemi.com
3
300
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
0.7 1.0
2.0
3.0
20
200
30
VCE = 3.0 V
100
7.0
5.0
10
3.0
5.0
10
20
70
50
Figure 4. DC Current Gain
2.8
0.1
IB, BASE CURRENT (AMPS)
1.0
10
TJ = 25°C
5.0
3.0
2.0
0.5
2.0
1.2
0.8
0.4
7.0
30
50
70
0
1.6
2.4
7.0
0.7
0.3
0.2
300
Figure 5. Collector Saturation Region
IC, COLLECTOR CURRENT (AMPS)
0.7 1.0
2.0
3.0
20
200
30
100
7.0
5.0
10
3.0
5.0
10
20
70
50
Figure 6. Collector Saturation Region
2.8
0.1
IB, BASE CURRENT (AMPS)
1.0
10
5.0
3.0
2.0
0.5
2.0
1.2
0.8
0.4
7.0
30
50 70
0
1.6
2.4
7.0
0.7
0.3
0.2
IC = 60 A
TJ = 25°C
MJ14002 (NPN)
MJ14001, MJ14003 (PNP)
2.8
0.7
IC, COLLECTOR CURRENT (AMPS)
10
TJ = 25°C
50
30
20
5.0
2.0
1.2
0.8
0.4
0
1.6
2.4
70
7.0
2.0
1.0
Figure 7. “On” Voltages
VBE(sat) @ IC/IB = 10
3.0
VBE(on) @ VCE = 3.0 V
VCE(sat) @ IC/IB = 10
2.8
0.7
IC, COLLECTOR CURRENT (AMPS)
10
TJ = 25°C
50
30
20
5.0
2.0
1.2
0.8
0.4
0
1.6
2.4
70
7.0
2.0
1.0
Figure 8. “On” Voltages
3.0
TJ = −55°C
TJ = 25°C
TJ = 150°C
VCE = 3.0 V
TJ = −55°C
TJ = 25°C
TJ = 150°C
IC = 25 A
IC = 10 A
IC = 60 A
IC = 25 A
IC = 10 A
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 3.0 V
VCE(sat) @ IC/IB = 10
TYPICAL ELECTRICAL CHARACTERISTICS


Número de pieza similar - MJ14001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ14001 MOTOROLA-MJ14001 Datasheet
241Kb / 6P
   60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS
logo
ON Semiconductor
MJ14001 ONSEMI-MJ14001 Datasheet
241Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSITORS
1995 REV 2
logo
New Jersey Semi-Conduct...
MJ14001 NJSEMI-MJ14001 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
More results

Descripción similar - MJ14001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N5684 ONSEMI-2N5684_06 Datasheet
151Kb / 7P
   High?묬urrent Complementary Silicon Power Transistors
March, 2006 ??Rev. 11
MJ11028 ONSEMI-MJ11028_05 Datasheet
68Kb / 4P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
logo
STMicroelectronics
TIP35CW STMICROELECTRONICS-TIP35CW Datasheet
104Kb / 7P
   Complementary Silicon High Power Transistors
TIP36C STMICROELECTRONICS-TIP36C_03 Datasheet
46Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3055A BOCA-2N3055A Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
STMicroelectronics
2N5884 STMICROELECTRONICS-2N5884 Datasheet
68Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
June 1997
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com