Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIB437EDKT Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SIB437EDKT
Descripción Electrónicos  P-Channel 8 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIB437EDKT Datasheet(HTML) 4 Page - Vishay Siliconix

  SIB437EDKT Datasheet HTML 1Page - Vishay Siliconix SIB437EDKT Datasheet HTML 2Page - Vishay Siliconix SIB437EDKT Datasheet HTML 3Page - Vishay Siliconix SIB437EDKT Datasheet HTML 4Page - Vishay Siliconix SIB437EDKT Datasheet HTML 5Page - Vishay Siliconix SIB437EDKT Datasheet HTML 6Page - Vishay Siliconix SIB437EDKT Datasheet HTML 7Page - Vishay Siliconix SIB437EDKT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 67402
S11-0235-Rev. A, 14-Feb-11
Vishay Siliconix
SiB437EDKT
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.8
0.9
1.0
1.1
1.2
1.3
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
V
GS = 1.8 V; ID = 1 A
V
GS = 1.5 V; ID = 0.5 A
V
GS = 1.2 V; ID = 0.5 A
V
GS = 4.5 V; ID = 3 A
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.0
1.0
2.0
3.0
4.0
5.0
V
GS - Gate-to-Source Voltage (V)
I
D = 0.5 A; TJ = 125 °C
I
D = 3 A; TJ = 25 °C
I
D = 3 A; TJ = 125 °C
I
D = 0.5 A; TJ = 25 °C
1000
100
1
0.001
0.01
0.1
10
Pulse (s)
20
10
5
15
0
Soure-Drain Diode Forward Voltage
Threshold Voltage
Safe Operating Area, Junction-to-Ambient
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
0.2
0.3
0.4
0.5
0.6
0.7
- 50
- 25
0
25
50
75
100
125
150
T
J -Temperature (°C)
I
D = 250 μA
0.01
0.1
1
10
100
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 ms
Limited by R
DS(on)*
1 ms
T
Single Pulse
A = 25 °C
BVDSS Limited
10 ms
1 s, 10 s
DC
100 μs


Número de pieza similar - SIB437EDKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIB4316EDK VISHAY-SIB4316EDK Datasheet
186Kb / 7P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIB4317EDK VISHAY-SIB4317EDK Datasheet
197Kb / 7P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIB433EDK VISHAY-SIB433EDK Datasheet
214Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 30-Apr-12
SiB433EDK VISHAY-SiB433EDK Datasheet
215Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 30-Apr-12
SIB433EDK VISHAY-SIB433EDK Datasheet
213Kb / 9P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SIB437EDKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1315DL-T1-GE3 VISHAY-SI1315DL-T1-GE3 Datasheet
248Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 29-Nov-10
SIA427ADJ VISHAY-SIA427ADJ Datasheet
231Kb / 9P
   P-Channel 8 V (D-S) MOSFET
Rev. B, 21-May-12
SI8439DB VISHAY-SI8439DB Datasheet
252Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 20-Jul-15
SI2305CDS VISHAY-SI2305CDS Datasheet
105Kb / 5P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 07-Sep-09
SI2305CDS VISHAY-SI2305CDS_13 Datasheet
229Kb / 10P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 29-Mar-10
SI8469DB VISHAY-SI8469DB Datasheet
107Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 08-Nov-10
SI2305CD VISHAY-SI2305CD_V01 Datasheet
195Kb / 9P
   P-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2329DS VISHAY-SI2329DS Datasheet
178Kb / 4P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 04-Jul-11
SI2305ADS VISHAY-SI2305ADS Datasheet
139Kb / 7P
   P-Channel 8-V (D-S) MOSFET
Rev. C, 10-Nov-08
SI1051X VISHAY-SI1051X Datasheet
138Kb / 6P
   P-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com