Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5VK7 Datasheet(PDF) 4 Page - Tyco Electronics

No. de pieza 5VK7
Descripción Electrónicos  General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

5VK7 Datasheet(HTML) 4 Page - Tyco Electronics

  5VK7 Datasheet HTML 1Page - Tyco Electronics 5VK7 Datasheet HTML 2Page - Tyco Electronics 5VK7 Datasheet HTML 3Page - Tyco Electronics 5VK7 Datasheet HTML 4Page - Tyco Electronics 5VK7 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
52
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
General Purpose RFI Power Line Filters (continued)
K Series
Part No.
A
B
CD
E






1VK1, 1EK1,
2VK1, 2EK1










1VK3, 1EK3,
2VK3, 2EK3










3VK1, 3EK1,
5VK1, 5EK1










3VK3, 3EK3,
5VK5, 5EK3










3VK7/7M,
3EK7/7M










5VK7/7M,
5EK7/7M










10VK1,
10EK1










10VK3,
10EK3










10VK6










10VK7/7M,
10EK7/7M










20VK1,
20EK1










20VK6










20VK7










30VK6,
30VK6C










40VK6,
40VK6C










60VK6










Case Dimensions


Recommended Panel Cutouts
.235
5.96
1.575
40.01
.157
3.98
.910
23.1
Dia.
1.295
32.89
R
K7 & K7M Cutout (3, 5, 10A)
.062
1.60
.157
4.0
Dia.
R
1.46
37.1
1.145
29.1
D
20VK7 Cutout

Performance Data
Typical Insertion Loss
1 & 3EK
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
2 & 10EK
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
Measured in closed 50 Ohm system
5EK
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
20EK
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0


Número de pieza similar - 5VK7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
5VK7 MACOM-5VK7 Datasheet
481Kb / 4P
   General Purpose RFI Power Line Filters-Ideal for High Impedance Load
logo
TE Connectivity Ltd
5VK7 TEC-5VK7 Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
Tyco Electronics
5VK7M MACOM-5VK7M Datasheet
481Kb / 4P
   General Purpose RFI Power Line Filters-Ideal for High Impedance Load
logo
TE Connectivity Ltd
5VK7M TEC-5VK7M Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
More results

Descripción similar - 5VK7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
1VK1 TEC-1VK1 Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
Tyco Electronics
1VK1 MACOM-1VK1 Datasheet
481Kb / 4P
   General Purpose RFI Power Line Filters-Ideal for High Impedance Load
logo
List of Unclassifed Man...
1VB1 ETC1-1VB1 Datasheet
72Kb / 2P
   General Purpose RFI Power Line Filters General Purpose for High Impedance Loads at Low Cost
logo
Tyco Electronics
1VB1 MACOM-1VB1 Datasheet
224Kb / 3P
   General Purpose RFI Filters for High Impedance Loads at Low Current
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com