Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LK1-C1-NW Datasheet(PDF) 2 Page - Dialight Corporation

No. de pieza LK1-C1-NW
Descripción Electrónicos  LINKLED LED LIGHT ENGINES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALIGHT [Dialight Corporation]
Página de inicio  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LK1-C1-NW Datasheet(HTML) 2 Page - Dialight Corporation

  LK1-C1-NW Datasheet HTML 1Page - Dialight Corporation LK1-C1-NW Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LED LIGHT ENGINES
WIRING INFORMATION
TYPICAL LED PHOTOMETRIC DATA
Typ. luminous flux based on input
drive current of 350mA maximum
power consumption 1.2W per LED
Consult LUXEON REBEL data sheet
for maximum input currents
LINKLED
Colour
Forward
Voltage
(Typ)
Max.Current
(mA)
Typ. Power
(Watts)
CCT
Min Luminous
Flux (lm) /
Radiometric
Power (mW)
Typ Luminous
Flux (lm) /
Radiometric
Power (mW)
Min
Typ
Max
Cool White
3.15
350
1.20
5000 K
5675 K
6350 K
90 lm
100 lm
Neutral White
3.15
350
1.20
3800 K
3950 K
4100 K
90lm
100lm
Warm White
3.15
350
1.20
2850 K
3050 K
3250 K
50lm
60lm
www.dialight.com
MDEXLKLD_E
Dialight reserves the right to make changes at any time in order to supply the best product possible.
The most current version of this document will always be available at:
www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/
MDEXLKLD.pdf
AVAILABLE ASSOCIATED CABLES
CT2-C
2- way common connector
CT2-100
2- way link lead 100mm (3.39”)
CT2-1000-24
2- way link lead 100mm (3.39”) 24 AWG
CT2-200
2- way link lead 200mm (7.87”)
CT2-200-24
2- way link lead 200mm (7.87”) 24 AWG
CT2-E300
2- way input lead 300mm (11.81”)
CT2-E300-24
2- way input lead 300mm (11.81”) 24 AWG
MDE3-C-35
(CE compliant/ 230VAC only)
MDU9-35-70
(UL recognized/ CE compliant 110-240VAC)
MDU-18-V-25-100
(CE compliant 120/230VAC dimmable)
MND70 9 Dimmable
(CE compliant 120/230VAC)
MCDE18-350-P 18
(CE compliant 120/230VAC)
MLD8-SC-35-70
(CE compliant 230VAC only)
COMPATIBLE DIALIGHT DRIVERS
LINKLED HEATSINK OPTIONS
LinkLED™
Typical connection
Up to 9 Single Color LinkLEDs connected together
CT2-100
CT2-C
CT2-E300
110-240V AC
LK-HS9 Suitable for 9 LED’s


Número de pieza similar - LK1-C1-NW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M-System Co.,Ltd.
LK1-1-K MSYSTEM-LK1-1-K Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
LK1-1-R MSYSTEM-LK1-1-R Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
LK1-2-K MSYSTEM-LK1-2-K Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
LK1-2-R MSYSTEM-LK1-2-R Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
LK1-3-K MSYSTEM-LK1-3-K Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
More results

Descripción similar - LK1-C1-NW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dialight Corporation
LK3-RGB DIALIGHT-LK3-RGB Datasheet
209Kb / 2P
   LINKLED RGB LED LIGHT ENGINES
logo
List of Unclassifed Man...
NT-43F0-0424 ETC2-NT-43F0-0424 Datasheet
1Mb / 27P
   LED Light Engines
logo
Dialight Corporation
LINKRUNNER DIALIGHT-LINKRUNNER Datasheet
170Kb / 2P
   LED LIGHT ENGINES SINGLE COLOR
LK3-C1-RGB DIALIGHT-LK3-C1-RGB Datasheet
180Kb / 2P
   LK3 RGB LED Light Engines
LKOP3-C1-RGB-SD DIALIGHT-LKOP3-C1-RGB-SD Datasheet
185Kb / 2P
   LK3 RGB LED Light Engines with optics
logo
List of Unclassifed Man...
L2-PGC1-F ETC2-L2-PGC1-F Datasheet
1Mb / 2P
   L2 Starboard Light Engines
L2-TGN1-F ETC2-L2-TGN1-F Datasheet
1Mb / 2P
   L2 Starboard Light Engines
L2-MLC1-F ETC2-L2-MLC1-F Datasheet
1Mb / 2P
   L2 Starboard Light Engines
logo
Dialight Corporation
LKHS9 DIALIGHT-LKHS9 Datasheet
63Kb / 1P
   LKHS LINKLED HEATSINKS
logo
Molex Electronics Ltd.
1301110101 MOLEX-1301110101 Datasheet
40Kb / 2P
   LED String Light, 5 Light Engines, 12/3 SJTW Cable, 70W, NEMA 5-15 Plug and Receptacle, 15.24m (50.0) Overall Length
07/27/2021
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com