Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BDX34BG Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza BDX34BG
Descripción Electrónicos  Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDX34BG Datasheet(HTML) 1 Page - ON Semiconductor

  BDX34BG Datasheet HTML 1Page - ON Semiconductor BDX34BG Datasheet HTML 2Page - ON Semiconductor BDX34BG Datasheet HTML 3Page - ON Semiconductor BDX34BG Datasheet HTML 4Page - ON Semiconductor BDX34BG Datasheet HTML 5Page - ON Semiconductor BDX34BG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2007
November, 2007 - Rev. 12
1
Publication Order Number:
BDX33B/D
BDX33B, BDX33C* (NPN)
BDX34B, BDX34C* (PNP)
BDX33C and BDX34C are Preferred Devices
Darlington Complementary
Silicon Power Transistors
These devices are designed for general purpose and low speed
switching applications.
Features
High DC Current Gain - hFE = 2500 (typ.) at IC = 4.0
Collector-Emitter Sustaining Voltage at 100 mAdc
VCEO(sus) = 80 Vdc (min) - BDX33B, BDX334B
= 100 Vdc (min) - BDX33C, BDX334C
Low Collector-Emitter Saturation Voltage
VCE(sat) = 2.5 Vdc (max) at IC = 3.0 Adc
- BDX33B, 33C/34B, 34C
Monolithic Construction with Build-In Base-Emitter Shunt Resistors
Pb-Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BDX33B, BDX34B
BDX33C, BDX34C
VCEO
80
100
Vdc
Collector-Base Voltage
BDX33B, BDX34B
BDX33C, BDX34C
VCB
80
100
Vdc
Emitter-Base Voltage
VEB
5.0
Vdc
Collector Current
- Continuous
- Peak
IC
10
15
Adc
Base Current
IB
0.25
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
70
0.56
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
-65 to +150
°C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction-to-Case
RqJC
1.78
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb-Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
DARLINGTON
10 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
80-100 VOLTS, 65 WATTS
TO-220AB
CASE 221A-09
STYLE 1
1
http://onsemi.com
MARKING DIAGRAM
BDX3xy =
Device Code
x = 3 or 4
y = B or C
A
=
Assembly Location
Y
=
Year
WW
=
Work Week
G
=
Pb-Free Package
2
3
BDX3xyG
AY WW
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
Preferred devices are recommended choices for future use
and best overall value.


Número de pieza similar - BDX34BG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BDX34BG ONSEMI-BDX34BG Datasheet
73Kb / 6P
   Darlington Complementary Silicon Power Transistors
February, 2006 ??Rev. 11
BDX34BG ONSEMI-BDX34BG Datasheet
100Kb / 6P
   Darlington Complementary Silicon Power Transistors
November, 2014 ??Rev. 14
More results

Descripción similar - BDX34BG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com