Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BDX54C Datasheet(PDF) 5 Page - ON Semiconductor |
|
BDX54C Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 7 page BDX53B, BDX53C (NPN), BDX54B, BDX54C (PNP) http://onsemi.com 5 IC, COLLECTOR CURRENT (AMP) VBE(sat) @ IC/IB = 250 Figure 10. “On” Voltages IC, COLLECTOR CURRENT (AMP) VBE(sat) @ IC/IB = 250 VCE(sat) @ IC/IB = 250 TJ = 25°C VBE @ VCE = 4.0 V VBE @ VCE = 4.0 V VCE(sat) @ IC/IB = 250 TJ = 25°C 0.1 0.2 0.3 0.5 0.7 1.0 2.0 10 7.0 3.0 5.0 0.1 0.2 0.3 0.5 0.7 1.0 2.0 10 7.0 3.0 5.0 3.0 2.5 2.0 1.5 1.0 0.5 3.0 2.5 2.0 1.5 1.0 0.5 +5.0 Figure 11. Temperature Coefficients IC, COLLECTOR CURRENT (AMP) 0.1 0.2 0.3 1.0 2.0 3.0 5.0 7.0 10 -55 to 150 °C +4.0 +3.0 +1.0 0 -4.0 -1.0 -2.0 -3.0 -5.0 qVB for VBE * qVC for VCE(sat) -55 °C to 25°C 25 °C to 150°C 25 °C to 150°C *IC/IB v hFE/3 0.5 0.7 +2.0 NPN BDX53B, BDX53C PNP BDX54B, BDX54C +5.0 IC, COLLECTOR CURRENT (AMP) 0.1 0.2 0.3 1.0 2.0 3.0 5.0 7.0 10 -55 to 150 °C +4.0 +3.0 +1.0 0 -4.0 -1.0 -2.0 -3.0 -5.0 qVB for VBE * qVC for VCE(sat) -55 °C to 25°C 25 °C to 150°C 25 °C to 150°C *IC/IB v hFE/3 0.5 0.7 +2.0 Figure 12. Collector Cut-Off Region 105 VBE, BASE‐EMITTER VOLTAGE (VOLTS) 102 101 100 10- 1 +0.2 +0.4 0 -0.2 -0.4 -0.6 VCE = 30 V REVERSE FORWARD 103 104 +0.6 +0.8 +1.0 +1.2 + 1.4 TJ = 150°C 100 °C 25 °C 105 VBE, BASE‐EMITTER VOLTAGE (VOLTS) 102 101 100 10- 1 -0.2 -0.4 0 +0.2 +0.4 +0.6 VCE = 30 V TJ = 150°C 100 °C 25 °C REVERSE FORWARD 103 104 -0.6 -0.8 -1.0 -1.2 -1.4 |
Número de pieza similar - BDX54C |
|
Descripción similar - BDX54C |