Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL23315TFRUZ-T7A Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL23315TFRUZ-T7A
Descripción Electrónicos  Single, Low Voltage Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315TFRUZ-T7A Datasheet(HTML) 1 Page - Intersil Corporation

  ISL23315TFRUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2010, 2011. All Rights Reserved
Intersil (and design) and XDCP are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners
Single, Low Voltage Digitally Controlled Potentiometer
(XDCP™)
ISL23315
The ISL23315 is a volatile, low voltage, low noise, low power, I2C
Bus, 256 Taps, single digitally controlled potentiometer (DCP),
which integrates DCP core, wiper switches and control logic on
a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. The potentiometer has an associated
volatile Wiper Register (WR) that can be directly written to and
read by the user. The contents of the WR controls the position
of the wiper. When powered on, the ISL23315’s wiper will
always commence at mid-scale (128 tap position).
The low voltage, low power consumption, and small package
of the ISL23315 make it an ideal choice for use in battery
operated equipment. In addition, the ISL23315 has a VLOGIC
pin allowing down to 1.2V bus operation, independent from the
VCC value. This allows for low logic levels to be connected
directly to the ISL23315 without passing through a voltage
level shifter.
The DCP can be used as a three-terminal potentiometer or as a
two-terminal variable resistor in a wide variety of applications
including control, parameter adjustments, and signal processing.
Features
• 256 resistor taps
•I2C serial interface
- No additional level translator for low bus supply
- Two address pins allow up to four devices per bus
•Power supply
-VCC = 1.7V to 5.5V analog power supply
-VLOGIC = 1.2V to 5.5V I2C bus/logic power supply
• Wiper resistance: 70
Ω typical @ VCC = 3.3V
• Shutdown Mode - forces the DCP into an end-to-end open
circuit and RW is shorted to RL internally
• Power-on preset to mid-scale (128 tap position)
• Shutdown and standby current <2.8µA max
• DCP terminal voltage from 0V to VCC
•10k
Ω, 50kΩ or 100kΩ total resistance
• Extended industrial temperature range: -40°C to +125°C
• 10 Ld MSOP or 10 Ld µTQFN packages
• Pb-free (RoHS compliant)
Applications
• Power supply margining
• RF power amplifier bias compensation
•LCD bias compensation
• Laser diode bias compensation
FIGURE 1. FORWARD AND BACKWARD RESISTANCE vs TAP
POSITION, 10k DCP
FIGURE 2. VREF ADJUSTMENT
0
2000
4000
6000
8000
10000
0
50
100
150
200
250
TAP POSITION (DECIMAL)
August 15, 2011
FN7778.1


Número de pieza similar - ISL23315TFRUZ-T7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL23315TFRUZ-T7A INTERSIL-ISL23315TFRUZ-T7A Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFRUZ-T7A INTERSIL-ISL23315TFRUZ-T7A Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315TFRUZ-T7A RENESAS-ISL23315TFRUZ-T7A Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Descripción similar - ISL23315TFRUZ-T7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL23415TFUZ INTERSIL-ISL23415TFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com