Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SAR533D Datasheet(PDF) 2 Page - Rohm

No. de pieza 2SAR533D
Descripción Electrónicos  Midium Power Transistors (-50V / -3A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

2SAR533D Datasheet(HTML) 2 Page - Rohm

  2SAR533D Datasheet HTML 1Page - Rohm 2SAR533D Datasheet HTML 2Page - Rohm 2SAR533D Datasheet HTML 3Page - Rohm 2SAR533D Datasheet HTML 4Page - Rohm 2SAR533D Datasheet HTML 5Page - Rohm 2SAR533D Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
2SAR533D
Electrical characteristic (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Collector-emitter breakdown voltage
BVCEO
-50
-
-
V
IC= -1mA
Collector-base breakdown voltage
BVCBO
-50
-
-
V
IC= -100μA
Emitter-base breakdown voltage
BVEBO
-6
-
-
V
IE= -100μA
Collector cut-off current
ICBO
--
-1
A VCB= -50V
Emitter cut-off current
IEBO
--
-1
A VEB= -4V
Collector-emitter staturation voltage
VCE(sat)
-
-200
-400
mV IC= -1A, IB= -50mA
DC current gain
hFE
180
-
450
-
VCE= -3V, IC= -50mA
Turn-on time
ton
-45
-
ns
Storage time
tstg
-
250
-
ns
Fall time
tf
-35
-
ns
*1 Pulsed
*2 See switching time test circuit
VCB= -10V, IE=0A
f=1MHz
-
Conditions
IC= -1.5A, IB1= -150mA,
IB2=150mA, VCC -10V
VCE= -10V
IE=500mA, f=100MHz
Parameter
MHz
300
-
Transition frequency
fT
-
-pF
24
Collector output capacitance
Cob
*2
*2
*2
~_
*1
*1
2/5
2010.07 - Rev.A


Número de pieza similar - 2SAR533D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SAR533D ROHM-2SAR533D Datasheet
380Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
More results

Descripción similar - 2SAR533D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (-50V / -3A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
   Midium Power Transistors (50V / 3A)
2SAR543R ROHM-2SAR543R Datasheet
496Kb / 6P
   Midium Power Transistors (-50V/-3A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
   Midium Power Transistors (-50V / -3A)
QS5W2 ROHM-QS5W2 Datasheet
432Kb / 6P
   Midium Power Transistors (50V / 3A)
2SCR533D ROHM-2SCR533D Datasheet
494Kb / 6P
   Midium Power Transistors (50V / 3A)
2SCR543R ROHM-2SCR543R Datasheet
439Kb / 6P
   Midium Power Transistors (50V / 3A)
2SCR533P ROHM-2SCR533P_09 Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 3A)
MP6X13 ROHM-MP6X13 Datasheet
422Kb / 6P
   Midium Power Transistors (50V / 3A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 2A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com