Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28291EVAL1Z Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL28291EVAL1Z
Descripción Electrónicos  Low Distortion Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28291EVAL1Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28291EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28291EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28291EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28291EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL28291EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL28291EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL28291EVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL28291EVAL1Z Datasheet HTML 13Page - Intersil Corporation ISL28291EVAL1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6156.7
August 11, 2008
Applications Information
Product Description
The ISL28191 and ISL28291 are voltage feedback operational
amplifiers designed for communication and imaging
applications requiring low distortion, very low voltage and
current noise. Both parts feature high bandwidth while drawing
moderately low supply current. They use a classical
voltage-feedback topology, which allows them to be used in a
variety of applications where current-feedback amplifiers are
not appropriate because of restrictions placed upon the
feedback element used with the amplifier.
Enable/Power-Down
The ISL28191 and ISL28291 amplifiers are disabled by
applying a voltage greater than 2V to the EN pin, with
respect to the V- pin. In this condition, the output(s) will be in
a high impedance state and the amplifier(s) current will be
reduced to 13µA/Amp. By disabling the part, multiple parts
can be connected together as a MUX. The outputs are tied
together in parallel and a channel can be selected by the EN
pin. The EN pin also has an internal pull-down. If left open,
the EN pin will pull to the negative rail and the device will be
enabled by default.
Input Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails. Both parts have
additional back-to-back diodes across the input terminals (as
shown in Figure 29). In pulse applications where the input
Slew Rate exceeds the Slew Rate of the amplifier, the
possibility exists for the input protection diodes to become
forward biased. This can cause excessive input current and
distortion at the outputs. If overdriving the inputs is necessary,
the external input current must never exceed 5mA. An
external series resistor may be used to limit the current, as
shown in Figure 29.
Using Only One Channel
The ISL28291 is a dual channel op amp. If the application
only requires one channel when using the ISL28291, the
user must configure the unused channel to prevent it from
oscillating. Oscillation can occur if the input and output pins
are floating. This will result in higher than expected supply
currents and possible noise injection into the channel being
used. The proper way to prevent this oscillation is to short
the output to the negative input and ground the positive input
(as shown in Figure 30).
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit
board layout is necessary for optimum performance. Low
impedance ground plane construction is essential. Surface
mount components are recommended, but if leaded
components are used, lead lengths should be as short as
possible. The power supply pins must be well bypassed to
11
1 (A)
7 (B)
1 (A)
9 (B)
10 (A)
8 (B)
OUT
OUT_A
OUT_B
Output
Circuit 2
6
6
8
10
9
V+
Positive supply
55
N/A
5 (A)
6 (B)
4 (A)
5 (B)
EN
EN_A
EN_B
Enable BAR
pin internal
pull-down; Logic
“1” selects the
disabled state;
Logic “0” selects
the enabled
state.
Circuit 3
Pin Descriptions (Continued)
ISL28191
(6 Ld SOT-23)
ISL28191
(6 Ld µTDFN)
ISL28291
(8 Ld SOIC)
ISL28291
(10 Ld MSOP)
ISL28291
(10 Ld µTQFN)
PIN
NAME
FUNCTION
EQUIVALENT CIRCUIT
V+
V-
OUT
EN
V+
V-
FIGURE 29. LIMITING THE INPUT CURRENT TO LESS THAN
5mA
-
+
R
FIGURE 30. PREVENTING OSCILLATIONS IN UNUSED
CHANNELS
-
+
ISL28191, ISL28291


Número de pieza similar - ISL28291EVAL1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL28291EVAL1Z RENESAS-ISL28291EVAL1Z Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results

Descripción similar - ISL28291EVAL1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Linear Technology
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
logo
Analog Devices
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
   Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Renesas Technology Corp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com