Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL31483EIBZ Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL31483EIBZ
Descripción Electrónicos  Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31483EIBZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL31483EIBZ Datasheet HTML 1Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 2Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 3Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 4Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 5Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 6Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 7Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 8Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ISL31480E, ISL31483E, ISL31485E, ISL31486E
3
FN7638.2
Pin Configurations
ISL31483E
(14 LD SOIC)
TOP VIEW
ISL31485E
(8 LD SOIC)
TOP VIEW
RINV
RO
RE
DE
DI
GND
GND
VCC
VCC
A
B
Z
Y
DINV
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
RO
INV
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
Pin Descriptions
PIN
NAME
ISL31480E
PIN #
ISL31483E
PIN #
ISL31485E
PIN #
ISL31486E
(12 LD)
PIN #
ISL31486E
(10 LD)
PIN #
ISL31486E
(14 LD)
PIN #
FUNCTION
RO
2
211
11
Receiver output. On the ISL31480E, or if
INV or RINV is low, then: If
A - B
≥ -10mV, RO is high; if A - B ≤ -200mV,
RO is low. If INV or RINV is high, then: If B - A
≥ -10mV, RO is high; if B - A ≤ -200mV, RO is
low. In all cases, RO = High if A and B are
unconnected (floating), or shorted together,
or connected to an undriven, terminated
bus (i.e., Rx is always failsafe open, shorted,
and idle, even if polarity is inverted).
RE
4
3
N/A
2
2
2
Receiver output enable. RO is enabled
when RE is low; RO is high impedance
when RE is high. Internally pulled low.
DE
3
4
3
4
4
4
Driver output enable. The driver outputs, Y
and Z, are enabled by bringing DE high,
and they are high impedance when DE is
low. Internally pulled high (to VL on
ISL31480E and ISL31486E; to VCC on
other versions).
DI
5
5
4
5
5
6
Driver input. On the ISL31480E, or if INV or
DINV is low, a low on DI forces output Y
low and output Z high, while a high on DI
forces output Y high and output Z low. The
output states relative to DI invert if INV or
DINV is high.
GND
6
6, 7
5
7, 8
6
8, 9
Ground connection.This is also the
potential of the TDFN EPAD.
A/Y
8
N/A
6
9
7
11
±60V Fault Protected RS-485/RS-422
level I/O pin. On the ISL31480E, or if INV is
low, A/Y is the non-inverting receiver input
and non-inverting driver output. If INV is
high, A/Y is the inverting receiver input
and the inverting driver output. Pin is an
input if DE = 0; pin is an output if DE = 1.


Número de pieza similar - ISL31483EIBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL31483EIBZ INTERSIL-ISL31483EIBZ Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483EIBZ RENESAS-ISL31483EIBZ Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results

Descripción similar - ISL31483EIBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com