Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA00DD0WCP-V5 Datasheet(PDF) 5 Page - Rohm

No. de pieza BA00DD0WCP-V5
Descripción Electrónicos  Standard Variable Output LDO Regulators with Shutdown Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA00DD0WCP-V5 Datasheet(HTML) 5 Page - Rohm

  BA00DD0WCP-V5_11 Datasheet HTML 1Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 2Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 3Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 4Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 5Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 6Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 7Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 8Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Technical Note
BA00DD0WCP-V5,BA00DD0WHFP,BA00DD0WT,
BA00CC0WT,BA00CC0WT-V5,BA00CC0WCP-V5,BA00CC0WFP
5/9
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Block Diagrams
[BA00CC0WFP]
[BA00DD0WHFP]
TOP VIEW
TO252-5
HRP5
PINNo.
Symbol
Function
1
CTL
Output voltage ON/OFF control
2
VCC
Power supply voltage input
3
N.C./GND
Unconnected terminal/GND*
4
OUT
Voltage output
5
C
Output voltage regulation terminal
FIN
GND
GND
[BA00CC0WT] [BA00CC0CP-V5] [BA00DD0WCP-V5]
TO220FP-5 TO220FP-5(V5)
PINNo. Symbol
Function
1
CTL
Output voltage ON/OFF control
2
VCC
Power supply voltage input
3
GND
GND
4
OUT
Voltage output
5
ADJ
Output voltage regulation terminal
Input / Output Equivalent Circuit Diagrams
< BA00CC0WT/BA00CC0WFP >
< BA00DD0WFP >
Output Voltage Configuration Method
Please connect resistors R1 and R2 (which determines the output voltage) as shown in Fig.29.
Please be aware that the offset due to the current that flows from the ADJ terminal becomes large when resistors with large
values are used. The use of resistors with R1=2kΩ to 15 kΩ is recommended.
Vo = Vc (VADJ) × 1 +
BA□□CC0□□
Vc : 1.225 (Typ.)
BA□□DD0□□
VADJ : 1.270 (Typ.)
R2
R1
0.33μF
22μF
VOUT
C(ADJ)
+
GND
Vcc
CTL
R1
R2
Driver
TSD
OCP
Vref
N.C.(TO252-5)
GND(HRP5)
Fin
1
5
2
4
OVP
3
1 2 3 4 5
1 2 3 4 5
*TO252-5 is N.C., and HRP5 is GND
1 2 3 45
1 2 3 45
TOP VIEW
TOP VIEW
0.33μF
22μF
VOUT
C(ADJ)
+
GND
Vcc
CTL
R1
R2
Driver
TSD
OCP
Vref
3
1
5
2
4
OVP
CTL
25kΩ
25kΩ
VOUT
10 kΩ
C
5.5 kΩ
Vcc
Vcc
500Ω
10kΩ
ADJ
Vcc
CTL
39kΩ
2kΩ
Vcc
Fig.27
Fig.28
Fig.25
Fig.26
VOUT
C(ADJ)
R1
R2
Vc
VADJ
Fig.29
VOUT
FIN
31kΩ
12 3 4 5
TO220CP-V5


Número de pieza similar - BA00DD0WCP-V5_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
More results

Descripción similar - BA00DD0WCP-V5_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD10KA5 ROHM-BD10KA5 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com