Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BA3474RFV Datasheet(PDF) 3 Page - Rohm |
|
BA3474RFV Datasheet(HTML) 3 Page - Rohm |
3 / 21 page Technical Note 3/20 www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. BA3472F,BA3472FV,BA3472FVM,BA3472RFVM, BA3474F,BA3474FV,BA3474RFV ○ BA3472R family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃]) Parameter Symbol Temperature range Limits Unit Condition BA3472RFVM Min. Typ. Max. Input Offset Voltage (*4) Vio 25℃ - 1 10 mV Vicm=0[V],VOUT=0[V] - 1.5 10 VCC=5[V],VEE=0[V],Vicm=0[V], VOUT=VCC/2 Input Offset Current (*4) Iio 25℃ - 6 75 nA Vicm=0[V],VOUT=0[V] Input Bias Current (*4) Ib 25℃ - 100 500 nA Vicm=0[V],VOUT=0[V] Supply Current ICC 25℃ - 4 5.5 mA RL=∞ High Level Output Voltage VOH 25℃ 3.7 4 - V VCC=5[V],RL=2[kΩ] 13.7 14 - RL=10[kΩ] 13.5 - - RL=2[kΩ] Low Level Output Voltage VOL 25℃ - 0.1 0.3 V VCC=5[V],RL=2[kΩ] - -14.7 -14.3 RL=10[kΩ] - - -13.5 RL=2[kΩ] Large Signal Voltage Gain AV 25℃ 80 100 - dB RL≧2[kΩ],VOUT=±10 [V] Input Common-mode Voltage Range Vicm 25℃ 0 - VCC-2.0 V VCC=5[V],VEE=0[V], VOUT=VCC/2 Common-mode Rejection Ratio CMRR 25℃ 60 97 - dB Vicm=0[V],VOUT=0[V] Power Supply Rejection Ratio PSRR 25℃ 60 97 - dB Vicm=0[V],VOUT=0[V] Output Source Current (*5) IOH 25℃ 10 30 - mA VIN+=1[V],VIN-=0[V], VOUT=0[V] Only 1ch is short circuit Output Sink Current (*5) IOL 25℃ 20 30 - mA VIN+=0[V],VIN-=1[V], VOUT=5[V] Only 1ch is short circuit Maximum Frequency ft 25℃ - 4 - MHz - Slew Rate SR 25℃ - 10 - V/μs Av=1,Vin=-10 to +10[V], RL=2[kΩ] Channel Separation CS 25℃ - 120 - dB - (*4) Absolute value (*5) Under high temperatures, please consider the power dissipation when selecting the output current. When the output terminal is continuously shorted the output current reduces the internal temperature by flushing. |
Número de pieza similar - BA3474RFV |
|
Descripción similar - BA3474RFV |