Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA2902SKN Datasheet(PDF) 5 Page - Rohm

No. de pieza BA2902SKN
Descripción Electrónicos  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA2902SKN Datasheet(HTML) 5 Page - Rohm

  BA2902SKN Datasheet HTML 1Page - Rohm BA2902SKN Datasheet HTML 2Page - Rohm BA2902SKN Datasheet HTML 3Page - Rohm BA2902SKN Datasheet HTML 4Page - Rohm BA2902SKN Datasheet HTML 5Page - Rohm BA2902SKN Datasheet HTML 6Page - Rohm BA2902SKN Datasheet HTML 7Page - Rohm BA2902SKN Datasheet HTML 8Page - Rohm BA2902SKN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
5/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA2902 family (Unless otherwise specified VCC=+5[V], VEE=0[V])
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
BA2902S F/FV/KN
BA2902F/FV/KN
Min.
Typ.
Max.
Input Offset Voltage
( *10) (*11)
Vio
25℃
-
2
7
mV
VOUT=1.4[V]
Full range
-
-
10
VCC=5~30[V],VOUT=1.4[V]
Input Offset Voltage Drift
Vio/△T
-
-
±7
-
μV/℃ VOUT=1.4[V]
Input Offset Current
(*10) (*11)
Iio
25℃
-
2
50
nA
VOUT=1.4[V]
Full range
-
-
200
Input Offset Current Drift
lio/△T-
-
±10
-
pA/℃ VOUT=1.4[V]
Input Bias Current
(*10) (*11)
Ib
25℃
-
20
250
nA
VOUT=1.4[V]
Full range
-
-
250
Supply Current
(*10)
ICC
25℃
-
0.7
2
A
RL=∞ All Op-Amps
Full range
-
-
3
High Level Output Voltage
(*11)
VOH
25℃
3.5
-
-
V
RL=2[kΩ]
Full range
27
28
-
VCC=30[V],RL=10[kΩ]
Low Level Output Voltage
(*11)
VOL
Full range
-
5
20
mV
RL=∞All Op-Amps
Large Signal Voltage Gain
AV
25℃
25
100
-
V/mV RL
2[kΩ],VCC=15[V]
VOUT=1.4~11.4[V]
Input Common-mode Voltage Range
Vicm
25℃
0
-
VCC-1.
5
V
(VCC-VEE)=5[V],
VOUT=VEE+1.4[V]
Common-mode Rejection Ratio
CMRR
25℃
50
80
-
dB
VOUT=1.4[V]
Power Supply Rejection Ratio
PSRR
25℃
65
100
-
dB
VCC=5~30[V]
Output SourceCurrent
(*11) (*12)
IOH
25℃
20
30
-
mA
VIN+=1[V],VIN-=0[V]
VOUT=0[V] 1CH is short
circuit
Full range
10
-
-
Output Sink Current
(*11) (*12)
IOL
25℃
10
20
-
mA
VIN+=0[V],VIN-=1[V]
VOUT=5[V] 1CH is short circuit
Full range
2
-
-
Isink
25℃
12
40
-
μA
VIN+=0[V],VIN-=1[V]
VOUT=200[mV]
Channel Separation
CS
25℃
-
120
-
dB
f=1[kHz], input referred
Slew rate
SR
25℃
-
0.2
-
V/μs VCC=15[V],AV=0[dB],
RL=2[kΩ],CL=100[pF]
Maximum frequency
ft
25℃
-
0.5
-
MHz VCC=30[V],RL=2[kΩ],
CL=100[pF]
Input referred noise voltage
Vn
25℃
-
40
-
Hz
nV/
VCC=15[V],VEE=-15[V],
RS=100[Ω],Vi=0[V],f=1[kHz]
(*10) Absolute value
(*11) BA2902S family:Full range -40~+105℃ ,BA2902 family:Full range -40~+125℃
(*12) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


Número de pieza similar - BA2902SKN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA2902SKN ROHM-BA2902SKN	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902SKN ROHM-BA2902SKN Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902SKN ROHM-BA2902SKN Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA2902SKN ROHM-BA2902SKN Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2902SKN ROHM-BA2902SKN Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results

Descripción similar - BA2902SKN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com