Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD30KA5FP Datasheet(PDF) 6 Page - Rohm

No. de pieza BD30KA5FP
Descripción Electrónicos  500mA Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD30KA5FP Datasheet(HTML) 6 Page - Rohm

Back Button BD30KA5FP Datasheet HTML 2Page - Rohm BD30KA5FP Datasheet HTML 3Page - Rohm BD30KA5FP Datasheet HTML 4Page - Rohm BD30KA5FP Datasheet HTML 5Page - Rohm BD30KA5FP Datasheet HTML 6Page - Rohm BD30KA5FP Datasheet HTML 7Page - Rohm BD30KA5FP Datasheet HTML 8Page - Rohm BD30KA5FP Datasheet HTML 9Page - Rohm BD30KA5FP Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BD□□KA5,BD□□KA5W Series,BD00KA5W Series
Technical Note
6/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
1μF
Terminal Vicinity Settings and Cautions
Vcc Terminal
Please attach a capacitor (greater than 1μF) between Vcc and GND.
The capacitance values differ depending on the application, so chose a capacitor with sufficient margin and verify the
operation on actual board.
GND Terminal
Please be sure to keep the set ground and IC ground at the same potential level so that a potential difference does not
arise between them. If a potential difference arises between the set ground and the IC ground, the preset voltage will not
be output properly, causing the system to become unstable. Please reduce the impedance by making the ground patterns
as wide as possible and reducing the distance between the set ground and the IC ground as much as possible.
CTL Terminal
The CTL terminal is turned ON at 2.0V and higher, and OFF at
0.8V and lower, within the operating power supply voltage
range.The power supply and the CTL terminal may be started
up and shut down in any order without problems.
Vo Terminal
Please be sure to attach an anti-oscillation capacitor between Vo and GND.
Be sure to place an anti-oscillation capacitor between the output terminal and the GND. Oscillations may arise if the
capacitance value changes, due to factors such as temperature changes. A 1μF capacitor with small internal series
resistance (ESR) such as a ceramic capacitor is recommended as an anti-oscillation capacitor. Ceramic capacitors generally
have favorable temperature characteristics and DC bypass characteristics. When selecting a ceramic capacitor, a high
voltage capacitor (good DC bypass characteristics) with temperature characteristics that are superior to those of X5R or X7R,
is recommended. In applications where input voltage and load fluctuations are rapid, please decide on a capacitor after
sufficiently confirming its properties according to its specifications in the actual application.
CTL
25kΩ
31.25kΩ
Fig.23 Input equivalent circuit
OUT
IC
0.01
0.1
1
10
100
0
100
200
300
400
500
Iout(mA)
安定領域
発振領域
Vcc
OUT
CTL GND ADJ
R1
R2
Cin
Vcc
VCTL
2V
1μF
1μF
ESR
Io(ROUT)
R1=30kΩ,R2=2kΩ
Fig.24 Output Equivalent Circuit
Fig.25 ESR-Io Characteristics
Oscillation region
Stable region
Io(mA)
0
20
40
60
80
100
120
01234
直流バイアスVdc(V)
0
20
40
60
80
100
120
01234
直流バイアスVdc(V)
0
20
40
60
80
100
120
-25
0
255075
Temp(℃)
50V Max.Input
16V Max.Input
10V Max.Input
16V Max.Input
10V Max.Input
Y5V
X7R
X5R
Vdc=0
Fig.26 :General characteristics of ceramic capacitors
50V Max.Input
DC bypass Vdc(V)
DC bypass Vdc(V)
(a)
Capacitance-bypass
characteristics (Y5V)
b)Capacitance-bypass
characteristics(X5R,X7R)
Temp(℃)
C)Capacitance-temperature
characteristics(X5R,X7R,Y5V)


Número de pieza similar - BD30KA5FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD30KA5FP ROHM-BD30KA5FP Datasheet
309Kb / 6P
   Low ESR Capacitor, Low Dropout 500mA Regulator IC
BD30KA5FP-E2 ROHM-BD30KA5FP-E2 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD30KA5FP-E2 ROHM-BD30KA5FP-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
More results

Descripción similar - BD30KA5FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BA15NC0WT ROHM-BA15NC0WT Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com