Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2045AFJ Datasheet(PDF) 10 Page - Rohm

No. de pieza BD2045AFJ
Descripción Electrónicos  1ch High Side Switch ICs for USB Devices and Memory Cards
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2045AFJ Datasheet(HTML) 10 Page - Rohm

Back Button BD2045AFJ Datasheet HTML 5Page - Rohm BD2045AFJ Datasheet HTML 6Page - Rohm BD2045AFJ Datasheet HTML 7Page - Rohm BD2045AFJ Datasheet HTML 8Page - Rohm BD2045AFJ Datasheet HTML 9Page - Rohm BD2045AFJ Datasheet HTML 10Page - Rohm BD2045AFJ Datasheet HTML 11Page - Rohm BD2045AFJ Datasheet HTML 12Page - Rohm BD2045AFJ Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BD2045AFJ, BD2055AFJ
Technical Note
10/12
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
0
100
200
300
400
500
600
0
25
50
75
100
125
150
AMBIENT TEMPERATURE: Ta [℃]
Typical application circuit
IN
OUT
Regulator
OUT
OUT
OUT
IN
IN
/OC
GND
VBUS
D-
D+
GND
USB
Controller
VBUS
D-
D+
GND
5V(typ.)
10k~
100kΩ
CL
CIN
-
+
EN(/EN)
Ferrite
Beads
Ferrite
Beads
Fig.40 Typical application circuit
Application information
When excessive current flows owing to output shortcircuit or so, ringing occurs by inductance of power source line to IC, and
may cause bad influences upon IC actions. In order to avoid this case, connect a bypath capacitor by IN terminal and GND
terminal of IC. 1μF or higher is recommended.
Pull up /OC output by resistance 10kΩ to 100kΩ.
Set up value which satisfies the application as CL and Ferrite Beads.
This system connection diagram doesn’t guarantee operating as the application.
The external circuit constant and so on is changed and it uses, in which there are adequate margins by taking into account
external parts or dispersion of IC including not only static characteristics but also transient characteristics.
Power dissipation character
(SOP-J8)
Fig.41 Power dissipation curve (Pd-Ta Curve)


Número de pieza similar - BD2045AFJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2045AFJ ROHM-BD2045AFJ Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ-E2 ROHM-BD2045AFJ-E2 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
More results

Descripción similar - BD2045AFJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com