Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2200GUL Datasheet(PDF) 3 Page - Rohm

No. de pieza BD2200GUL
Descripción Electrónicos  Load Switch ICs for Portable Equipment
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2200GUL Datasheet(HTML) 3 Page - Rohm

  BD2200GUL_11 Datasheet HTML 1Page - Rohm BD2200GUL_11 Datasheet HTML 2Page - Rohm BD2200GUL_11 Datasheet HTML 3Page - Rohm BD2200GUL_11 Datasheet HTML 4Page - Rohm BD2200GUL_11 Datasheet HTML 5Page - Rohm BD2200GUL_11 Datasheet HTML 6Page - Rohm BD2200GUL_11 Datasheet HTML 7Page - Rohm BD2200GUL_11 Datasheet HTML 8Page - Rohm BD2200GUL_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Note
3/9
www.rohm.com
2011.02 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD2200GUL, BD2201GUL
Test Circuit
Fig.1 Measurement circuit
Switch Output Turn ON/OFF Timing
Fig.2 Timing diagrams
VIN
VIN
EN
VOUT
VOUT
GND
VIN VEN
RL
CL
TON2
TOFF2
TON1
TOFF1
VEN
VOUT
50%
50%
10%
90%
10%
90%


Número de pieza similar - BD2200GUL_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
More results

Descripción similar - BD2200GUL_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD6520F ROHM-BD6520F_11 Datasheet
422Kb / 17P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Sanyo Semicon Device
LV2400X SANYO-LV2400X Datasheet
249Kb / 1P
   Ultraminiature FM Radio ICs for Portable Equipment LV2400X Series
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com