Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2220G Datasheet(PDF) 6 Page - Rohm

No. de pieza BD2220G
Descripción Electrónicos  1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2220G Datasheet(HTML) 6 Page - Rohm

Back Button BD2220G Datasheet HTML 2Page - Rohm BD2220G Datasheet HTML 3Page - Rohm BD2220G Datasheet HTML 4Page - Rohm BD2220G Datasheet HTML 5Page - Rohm BD2220G Datasheet HTML 6Page - Rohm BD2220G Datasheet HTML 7Page - Rohm BD2220G Datasheet HTML 8Page - Rohm BD2220G Datasheet HTML 9Page - Rohm BD2220G Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Technical Note
6/12
BD2220G, BD2221G
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Waveform Data (BD2220G)
TIME(1ms/div.)
Fig.28 Output rise characteristic
TIME(2us/div.)
Fig.29 Output fall characteristic
TIME (5ms/div.)
Fig.34 Over-current response
1Ω load connected at EN
TIME (1ms/div.)
Fig.30 Inrush current response
TIME (2ms/div.)
Fig.31 Over-current response
ramped load
TIME (10ms/div.)
Fig.35 UVLO response
increasing VIN
TIME (10ms/div.)
Fig.36 UVLO response
decreasing VIN
VEN
(5V/div.)
VIN=5V
RL=20Ω
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
VEN
(5V/div.)
VIN=5V
RL=20Ω
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
(5V/div.)
VEN
IOUT
(0.2A/div.)
CL=47uF
CL=100uF
CL=220uF
VIN=5V
RL=20Ω
V/OC
(5V/div.)
TIME (5ms/div.)
Fig.33 Over-current response
enable to short-circuit
TIME (10ms/div.)
Fig.32 Over-current response
ramped load
VIN=5V
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
VIN=5V
VEN
(5V/div.)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
1A/10ms
VIN=5V
1A/50ms
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(1A/div.)
VIN
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.2A/div.)
VIN
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.2A/div.)
RL=20Ω
RL=20Ω
VIN=5V
RL=1Ω


Número de pieza similar - BD2220G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2220G ROHM-BD2220G Datasheet
156Kb / 5P
   USB High side switch IC
BD2220G ROHM-BD2220G Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2220G-LBTR ROHM-BD2220G-LBTR Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2220G-TR ROHM-BD2220G-TR Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
More results

Descripción similar - BD2220G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G ROHM-BD2224G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com