Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2270HFV Datasheet(PDF) 7 Page - Rohm

No. de pieza BD2270HFV
Descripción Electrónicos  Controller ICs for High Side NMOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2270HFV Datasheet(HTML) 7 Page - Rohm

Back Button BD2270HFV Datasheet HTML 3Page - Rohm BD2270HFV Datasheet HTML 4Page - Rohm BD2270HFV Datasheet HTML 5Page - Rohm BD2270HFV Datasheet HTML 6Page - Rohm BD2270HFV Datasheet HTML 7Page - Rohm BD2270HFV Datasheet HTML 8Page - Rohm BD2270HFV Datasheet HTML 9Page - Rohm BD2270HFV Datasheet HTML 10Page - Rohm BD2270HFV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Technical Note
7/12
BD2270HFV
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Functional Description
The BD2270HVF is a driver IC to use an N-channel MOSFET as a high side load switch. This IC incorporates the following
functions.
1.
GATE drive
A voltage to drive the gate of N-channel MOSFET is generated by a built-in charge pump in the BD2270HFV. The
built-in charge pump in the BD2270HFV generates a voltage three times as high as the power supply voltage at the
GATE terminal. In addition, since this IC has a built-in capacitor for the charge pump, it needs no external parts.
The charge pump operates when the AEN is set to High. When the AEN is set to Low, the GATE terminal voltage is
fixed to the GND level.
2.
Output discharge circuit
The output discharge circuit is enabled when the AEN is set to Low. When the discharge circuit is activated, the
200Ω(Typ.) MOSFET switch located between the DISC terminal and the GND terminal turns ON. Connecting between
the DISC terminal and the source side (load side) of the N-channel MOSFET makes it possible to immediately
discharge capacitive load.
3.
Soft start function
When the AEN terminal input voltage reaches the High level, the built-in charge pump in the BD2270HFV charges the
gate of the N-channel MOSFET. The turn-on time of the N-channel MOSFET is determined by the GATE capacity. In
addition, connecting a capacitor to the GATE terminal makes it possible to slow the rise of turn-on time of the
N-channel MOSFET, thus achieving reduction of the inrush current to a large capacitive load.
4.
Analog control input terminal
The AEN input of the BD2270HFV is connected to the built-in hysteresis comparator. Consequently, even analog
signals can control the BD2270HFV, thus facilitating the control of the switch ON-OFF sequence.
Fig. 34 Operation Timing
* To turn ON the power supply (VCC, VIN_SWITCH), set the AEN to Low.
VCC
VIN_SWITCH
VAEN
VGATE
VOUT_SWITCH
放電回路
ON
OFF
ON
Discharge circuit


Número de pieza similar - BD2270HFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2270HFV ROHM-BD2270HFV Datasheet
262Kb / 13P
   MOSFET Controller IC for Load Switching
BD2270HFV ROHM-BD2270HFV Datasheet
829Kb / 22P
   Controller ICs for High Side NMOSFET
BD2270HFV-GTR ROHM-BD2270HFV-GTR Datasheet
829Kb / 22P
   Controller ICs for High Side NMOSFET
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2270HFV-LBTR ROHM-BD2270HFV-LBTR Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
More results

Descripción similar - BD2270HFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2270HFV ROHM-BD2270HFV_14 Datasheet
829Kb / 22P
   Controller ICs for High Side NMOSFET
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
logo
Sanken electric
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com