Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3575FP Datasheet(PDF) 2 Page - Rohm

No. de pieza BD3575FP
Descripción Electrónicos  High Voltage LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3575FP Datasheet(HTML) 2 Page - Rohm

  BD3575FP Datasheet HTML 1Page - Rohm BD3575FP Datasheet HTML 2Page - Rohm BD3575FP Datasheet HTML 3Page - Rohm BD3575FP Datasheet HTML 4Page - Rohm BD3575FP Datasheet HTML 5Page - Rohm BD3575FP Datasheet HTML 6Page - Rohm BD3575FP Datasheet HTML 7Page - Rohm BD3575FP Datasheet HTML 8Page - Rohm BD3575FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical Note
2/9
BD3570FP/HFP, BD3571FP/HFP, BD3572FP/HFP, BD3573FP/HFP
BD3574FP/HFP, BD3575FP/HFP
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Input voltage
BD3570,3572,3573,3575FP/HFP
VCC
4.5 ※6
36.0
V
BD3571,3574FP/HFP
VCC
5.5 ※6
36.0
V
Output current
IO
500
mA
Variable Output Voltage Range
VO
2.8
12
V
6 Please consider that the Output voltage would be dropped (Dropout voltage) according to the output current.
Electrical Characteristics(Unless otherwise specified, Ta=-40 to125℃, VCC=13.2 V, SW=3V ※7, VO settings is 5V ※8)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Shut Down Current
※7
lshut
10
μ
A
SW=GND
Bias current
lb
30
50
μ
AIO=0mA
Output voltage
VO
VO×
0.98
VO
VO×
1.02
V
IO=200mA,
VO:Please refer to Product line.
ADJ Terminal voltage ※8
VADJ
1.235
1.260
1.285
V
IO=200mA
Output current
IO
0.5
A
Dropout voltage
Vd
0.25
0.48
V
VCC=4.75V,lO=200mA
9
Ripple rejection
R.R.
45
55
dB
f=120Hz,ein=1Vrms,IO=100mA
Line Regulation
Reg.I
10
30
mV
VCCD※10≦VCC≦25V
IO = 0 mA
Load Regulation
Reg.L
20
40
mV
0mA≦IO≦200mA
Swith Threshold voltage H ※7
SWH
2.0
V
IO=0 mA
Swith Threshold voltage L
※7
SWL
0.5
V
IO=0 mA
Swith Bias current
※7
SWI
22
60
μ
ASW=5V,lO=0mA
7
BD3573,3574,3575FP/HFP only
8
BD3572,3575FP/HFP only
9
BD3571,3572,3574,3575FP/HFP only
10
BD3570,3573FP/HFP :VCCD=5.5V
BD3571,3572,3574,3575FP/HFP :VCCD=6.5V
This product is not designed for protection against radio active rays.


Número de pieza similar - BD3575FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3575FP ROHM-BD3575FP Datasheet
327Kb / 12P
   High Voltage LDO Regulators
BD3575FP ROHM-BD3575FP Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3575FP ROHM-BD3575FP Datasheet
252Kb / 10P
   High Voltage LDO Regulators
More results

Descripción similar - BD3575FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP-E2 ROHM-BD3570FP-E2 Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571YFP-M ROHM-BD3571YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com